Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWMVSG.EC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCWMVSG.EC
Description  Small size high-flux LED for slim designs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMVSG.EC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCWMVSG.EC Datasheet HTML 3Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 4Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 5Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 6Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 7Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 8Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 9Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 10Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Version 1.0
LCW MVSG.EC
2014-02-21
7
7C
0.3028
0.3304
8K
0.3642
0.3805
7T
0.4386
0.4047
0.3041
0.3240
0.3659
0.3899
0.4430
0.4138
0.3087
0.3363
0.3736
0.3874
0.4467
0.4076
0.3098
0.3296
0.3758
0.3973
0.4515
0.4168
8C
0.3015
0.3368
4L
0.3648
0.3479
8T
0.4430
0.4138
0.3028
0.3304
0.3670
0.3578
0.4474
0.4228
0.3076
0.3430
0.3719
0.3522
0.4515
0.4168
0.3087
0.3363
0.3746
0.3624
0.4562
0.4260
4D
0.3119
0.3162
5L
0.3670
0.3578
9T
0.4474
0.4228
0.3130
0.3095
0.3692
0.3677
0.4518
0.4319
0.3170
0.3212
0.3746
0.3624
0.4562
0.4260
0.3178
0.3142
0.3773
0.3726
0.4609
0.4352
5D
0.3108
0.3229
6L
0.3692
0.3677
4U
0.4326
0.3801
0.3119
0.3162
0.3714
0.3775
0.4373
0.3893
0.3162
0.3282
0.3773
0.3726
0.4379
0.3813
0.3170
0.3212
0.3799
0.3828
0.4428
0.3906
6D
0.3098
0.3296
7L
0.3714
0.3775
5U
0.4373
0.3893
0.3108
0.3229
0.3736
0.3874
0.4420
0.3985
0.3154
0.3352
0.3799
0.3828
0.4428
0.3906
0.3162
0.3282
0.3826
0.3931
0.4477
0.3998
7D
0.3087
0.3363
8L
0.3736
0.3874
6U
0.4420
0.3985
0.3098
0.3296
0.3758
0.3973
0.4467
0.4076
0.3146
0.3422
0.3826
0.3931
0.4477
0.3998
0.3154
0.3352
0.3853
0.4033
0.4526
0.4090
8D
0.3076
0.3430
4M
0.3719
0.3522
7U
0.4467
0.4076
0.3087
0.3363
0.3746
0.3624
0.4515
0.4168
0.3138
0.3492
0.3791
0.3564
0.4526
0.4090
0.3146
0.3422
0.3822
0.3670
0.4576
0.4182
4E
0.3170
0.3212
5M
0.3746
0.3624
8U
0.4515
0.4168
0.3178
0.3142
0.3773
0.3726
0.4562
0.4260
0.3221
0.3262
0.3822
0.3670
0.4576
0.4182
0.3226
0.3189
0.3853
0.3776
0.4625
0.4275
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com