Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWMVSG.EC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCWMVSG.EC
Description  Small size high-flux LED for slim designs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMVSG.EC Datasheet(HTML) 1 Page - OSRAM GmbH

  LCWMVSG.EC Datasheet HTML 1Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 2Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 3Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 4Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 5Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 6Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 7Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 8Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2014-02-21
1
2014-02-21
Mini TOPLED
Datasheet
Version 1.0
LCW MVSG.EC
Small size high-flux LED for slim designs
Hocheffiziente, kompakte Lichtquelle für
platzsparende Designs
Features:
Besondere Merkmale:
• Package: white SMT package, colored diffused
silicone resin
• Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
• Technology: ThinGaN (UX:3)
• Technologie: ThinGaN (UX:3)
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: Cx = 0.38, Cy = 0.38 acc. to CIE 1931
(warm white); CRI (typ.) = 82; CTR = 2700 K - 6500
K
• Farbe: Cx = 0.38, Cy = 0.38 nach CIE 1931
(warmweiß); CRI (typ.) = 82; CTR = 2700 K - 6500
K
• ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
• ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Aircraft Interior Lighting
• Flugzeugbeleuchtung innen
• White Goods Lighting
• Weiße Ware
• Pushbuttons and Switches
• Schalter und Taster
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LCWMVSG.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWMVSG.EC-AZBZ-4R9T-1 OSRAM-LCWMVSG.EC-AZBZ-4R9T-1 Datasheet
1Mb / 26P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LCWMVSG.EC-BXCX-4C8E-1 OSRAM-LCWMVSG.EC-BXCX-4C8E-1 Datasheet
1Mb / 26P
Automotive Interior Lighting
LCWMVSG.EC-BXCX-4F8G-1 OSRAM-LCWMVSG.EC-BXCX-4F8G-1 Datasheet
1Mb / 26P
Automotive Interior Lighting
LCWMVSG.EC-BXCX-4J8K-1 OSRAM-LCWMVSG.EC-BXCX-4J8K-1 Datasheet
1Mb / 26P
Automotive Interior Lighting
More results

Similar Description - LCWMVSG.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWMTSG-U2V2-4L8N OSRAM-LCWMTSG-U2V2-4L8N Datasheet
704Kb / 23P
Small size high-flux LED for slim designs
LTMTSG-V2CA-35-1 OSRAM-LTMTSG-V2CA-35-1 Datasheet
1Mb / 21P
Small size high-flux LED for slim designs
LWM67C-Q2R2-JKPL-1 OSRAM-LWM67C-Q2R2-JKPL-1 Datasheet
667Kb / 23P
Small size high-flux LED for slim designs
LWM67C-T1U1-FK0KM0-24G6 OSRAM-LWM67C-T1U1-FK0KM0-24G6 Datasheet
675Kb / 23P
Small size high-flux LED for slim designs
LWM673-K2N1-FK0PM0-2 OSRAM-LWM673-K2N1-FK0PM0-2 Datasheet
664Kb / 23P
Small size high-flux LED for slim designs
LWM673-P1R2-FK0PM0 OSRAM-LWM673-P1R2-FK0PM0 Datasheet
669Kb / 23P
Small size high-flux LED for slim designs
LWM673-P1R2-FKPL OSRAM-LWM673-P1R2-FKPL Datasheet
648Kb / 23P
Small size high-flux LED for slim designs
LWMVSG-AYBZ-FK0PM0-Z486 OSRAM-LWMVSG-AYBZ-FK0PM0-Z486 Datasheet
741Kb / 23P
Small size high-flux LED for slim designs
LWMVSG-AZBZ-JKPL-Z486 OSRAM-LWMVSG-AZBZ-JKPL-Z486 Datasheet
688Kb / 23P
Small size high-flux LED for slim designs
logo
ams AG
LTMVSG AMSCO-LTMVSG Datasheet
1Mb / 21P
Small size high-flux LED for slim designs
Version 1.0 2020-03-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com