Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWMVSG.EC Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCWMVSG.EC
Description  Small size high-flux LED for slim designs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMVSG.EC Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCWMVSG.EC Datasheet HTML 5Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 6Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 7Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 8Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 9Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 10Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 11Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 12Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Version 1.0
LCW MVSG.EC
2014-02-21
9
8F
0.3202
0.3535
4R
0.4109
0.3726
5W
0.4483
0.3918
0.3207
0.3462
0.4147
0.3814
0.4534
0.4011
0.3291
0.3539
0.4181
0.3751
0.4538
0.3931
0.3291
0.3617
0.4222
0.3840
0.4591
0.4024
4G
0.3294
0.3306
5R
0.4147
0.3814
6W
0.4534
0.4011
0.3295
0.3228
0.4185
0.3902
0.4585
0.4104
0.3363
0.3287
0.4222
0.3840
0.4591
0.4024
0.3366
0.3369
0.4263
0.3929
0.4644
0.4118
5G
0.3293
0.3384
6R
0.4185
0.3902
7W
0.4585
0.4104
0.3294
0.3306
0.4223
0.3989
0.4636
0.4197
0.3366
0.3369
0.4263
0.3929
0.4644
0.4118
0.3369
0.3451
0.4304
0.4018
0.4697
0.4211
6G
0.3292
0.3461
7R
0.4223
0.3989
8W
0.4636
0.4197
0.3293
0.3384
0.4261
0.4077
0.4688
0.4290
0.3369
0.3451
0.4304
0.4018
0.4697
0.4211
0.3373
0.3534
0.4346
0.4108
0.4750
0.4304
7G
0.3291
0.3539
8R
0.4261
0.4077
9W
0.4688
0.4290
0.3292
0.3461
0.4299
0.4165
0.4739
0.4382
0.3373
0.3534
0.4346
0.4108
0.4750
0.4304
0.3376
0.3616
0.4387
0.4197
0.4803
0.4398
8G
0.3291
0.3539
9R
0.4299
0.4165
4X
0.4485
0.3838
0.3291
0.3617
0.4337
0.4253
0.4538
0.3850
0.3376
0.3616
0.4387
0.4197
0.4538
0.3931
0.3379
0.3698
0.4428
0.4286
0.4593
0.3944
4J
0.3500
0.3375
4S
0.4181
0.3751
5X
0.4538
0.3931
0.3512
0.3465
0.4222
0.3840
0.4591
0.4024
0.3574
0.3427
0.4253
0.3776
0.4593
0.3944
0.3591
0.3522
0.4298
0.3867
0.4648
0.4038
5J
0.3512
0.3465
5S
0.4222
0.3840
6X
0.4591
0.4024
0.3524
0.3555
0.4263
0.3929
0.4644
0.4118
0.3591
0.3522
0.4298
0.3867
0.4648
0.4038
0.3608
0.3616
0.4342
0.3957
0.4703
0.4132
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com