Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWMVSG.EC Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCWMVSG.EC
Description  Small size high-flux LED for slim designs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMVSG.EC Datasheet(HTML) 4 Page - OSRAM GmbH

  LCWMVSG.EC Datasheet HTML 1Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 2Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 3Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 4Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 5Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 6Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 7Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 8Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
2014-02-21
4
Version 1.0
LCW MVSG.EC
Characteristics (TS = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
2) page 25
Farbkoordinaten nach CIE 1931 2) Seite 25
(typ.)
(typ.)
Cx
Cy
0.38
0.38
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage 3) page 25
Durchlassspannung 3)Seite 25
(min.)
(typ.)
(max.)
VF
VF
VF
2.70
3.05
3.40
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / ambient
4) page 25 , 5) page 25
Realer Wärmewiderstand Sperrschicht /
Umgebung 4) Seite 25 , 5) Seite 25
(max.)
Rth JA real
360
K/W
Real thermal resistance junction / solder point
5) page 25
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 25
(max.)
Rth JS real
130
K/W
Note: Individual forward voltage groups see next page
Anm.: Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com