Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWMVSG.EC Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCWMVSG.EC
Description  Small size high-flux LED for slim designs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMVSG.EC Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCWMVSG.EC Datasheet HTML 2Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 3Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 4Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 5Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 6Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 7Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 8Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 9Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
2014-02-21
6
Version 1.0
LCW MVSG.EC
Color Chromaticity Groups 2) page 25
Farbortgruppen 2) Seite 25
Chromaticity Coordinate Groups 2) page 25
Farbortgruppen 2) Seite 25
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4C
0.3068
0.3113
5K
0.3591
0.3522
4T
0.4253
0.3776
0.3081
0.3049
0.3608
0.3616
0.4298
0.3867
0.3119
0.3162
0.3670
0.3578
0.4326
0.3801
0.3130
0.3095
0.3692
0.3677
0.4373
0.3893
5C
0.3055
0.3177
6K
0.3608
0.3616
5T
0.4298
0.3867
0.3068
0.3113
0.3625
0.3711
0.4342
0.3957
0.3108
0.3229
0.3692
0.3677
0.4373
0.3893
0.3119
0.3162
0.3714
0.3775
0.4420
0.3985
6C
0.3041
0.3240
7K
0.3625
0.3711
6T
0.4342
0.3957
0.3055
0.3177
0.3642
0.3805
0.4386
0.4047
0.3098
0.3296
0.3714
0.3775
0.4420
0.3985
0.3108
0.3229
0.3736
0.3874
0.4467
0.4076
400
450
455
460
465
470
475
480
485
490
495
500
505
510
515
520
525
530
540
550
560
570
580
590
600
610
620
630
650
700
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
Cy
Cx
4C
4D
4E
5C
5D
5E
6C
6D
6E
7C
7D
7E
8C
8D
8E
4F
4G
5F
5G
6F
6G
7F
7G
8F
8G
4H
4I
5H
5I
6H
6I
7H
7I
8H
8I
8J
7J
6J
5J
4J
8K
7K
6K
5K
4K
8L
7L
6L
5L
4L
8M
7M
6M
5M
4M
8N
7N
6N
5N
4N
9O
8O
7O
6O
5O
4O
9P
8P
7P
6P
5P
4P
9Q
8Q
7Q
6Q
5Q
4Q
9R
8R
7R
6R
5R
4R
9S
8S
7S
6S
5S
4S
9T
8T
7T
6T
5T
4T
9U
8U
7U
6U
5U
4U
9V
8V
7V
6V
5V
4V
9W
8W
7W
6W
5W
4W
9X
8X
7X
6X
5X
4X
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
5500 K
6000 K
6500 K
0,25
0,30
0,35
0,40
0,45
0,50
0,30
0,35
0,40
0,45
0,50
Cy
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com