Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWMVSG.EC Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LCWMVSG.EC
Description  Small size high-flux LED for slim designs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMVSG.EC Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LCWMVSG.EC Datasheet HTML 10Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 11Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 12Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 13Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 14Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 15Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 16Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 17Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
2014-02-21
14
Version 1.0
LCW MVSG.EC
Relative Forward Voltage 6) page25
Relative Vorwärtsspannung 6) Seite 25
ΔVF = VF - VF(25 °C) = f(Tj); IF = 20 mA
Relative Luminous Intensity 6) page 25
Relative Lichtstärke 6) Seite 25
IV/IV(25)°C = f(Tj); IF = 20 mA
Chromaticity Coordinate Shift 6) page 25
Farbortverschiebung 6) Seite 25
Cx, Cy = f(Tj); IF = 20 mA
LCW MVSG.EC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,2
-0,1
0,0
0,1
0,2
ΔVF [V]
-40 -20 0 20 40 60 80 100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Iv
Iv(25°C)
-40 -20 0 20 40 60 80 100 120
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
: Δ Cx
: Δ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com