Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1205 Datasheet(PDF) 4 Page - Analog Devices

Part # AD2S1205
Description  12-Bit RDC with Reference Oscillator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 4 Page - Analog Devices

  AD2S1205 Datasheet HTML 1Page - Analog Devices AD2S1205 Datasheet HTML 2Page - Analog Devices AD2S1205 Datasheet HTML 3Page - Analog Devices AD2S1205 Datasheet HTML 4Page - Analog Devices AD2S1205 Datasheet HTML 5Page - Analog Devices AD2S1205 Datasheet HTML 6Page - Analog Devices AD2S1205 Datasheet HTML 7Page - Analog Devices AD2S1205 Datasheet HTML 8Page - Analog Devices AD2S1205 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD2S1205
Rev. A | Page 3 of 20
SPECIFICATIONS
AVDD = DVDD = 5.0 V ± 5% at −40°C to +125°C, CLKIN = 8.192 MHz ± 25%, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Sin, Cos INPUTS1
Voltage
2.3
3.15
4.0
V p-p
Sinusoidal waveforms, Sin − SinLO and Cos − CosLO,
differential inputs
Input Bias Current
12
μA
VIN = 4.5 VDC, CLKIN = 10.24 MHz
Input Impedance
0.35
MΩ
VIN = 4.5 VDC
Common-Mode Voltage
100
mV peak
CMV with respect to REFOUT/2 at 10 kHz
Phase-Lock Range
−44
+44
Degrees
Sin/Cos vs. EXC output
ANGULAR ACCURACY
Angular Accuracy
±11
Arc minutes
Zero acceleration, Y grade
±22
Arc minutes
Zero acceleration, W grade
Resolution
12
Bits
Guaranteed no missing codes
Linearity INL
2
LSB
Zero acceleration, 0 rps to 1250 rps, CLKIN = 10.24 MHz
Linearity DNL
0.3
LSB
Guaranteed monotonic
Repeatability
1
LSB
Hysteresis
1
LSB
VELOCITY OUTPUT
Velocity Accuracy
2
LSB
Zero acceleration
Resolution
11
Bits
Linearity
1
LSB
Guaranteed by design, 2 LSB maximum
Offset
0
1
LSB
Zero acceleration
Dynamic Ripple
1
LSB
Zero acceleration
DYNAMIC PERFORMANCE
Bandwidth
1000
2400
Hz
Tracking Rate
750
rps
CLKIN = 6.144 MHz , guaranteed by design
1000
rps
CLKIN = 8.192 MHz , guaranteed by design
1250
rps
CLKIN = 10.24 MHz , guaranteed by design
Acceleration Error
30
Arc minutes
At 10,000 rps, CLKIN = 8.192 MHz
Settling Time 179° Step Input
5.2
ms
To within ±11 arc minutes, Y grade, CLKIN = 10.24 MHz
4.0
ms
To within 1 degree, Y grade, CLKIN = 10.24 MHz
EXC, EXC OUTPUTS
Voltage
3.34
3.6
3.83
V p-p
Load ±100 μA
Center Voltage
2.39
2.47
2.52
V
Frequency
10
kHz
FS1 = high, FS2 = high, CLKIN = 8.192 MHz
12
kHz
FS1 = high, FS2 = low, CLKIN = 8.192 MHz
15
kHz
FS1 = low, FS2 = high, CLKIN = 8.192 MHz
20
kHz
FS1 = low, FS2 = low, CLKIN = 8.192 MHz
EXC/EXC DC Mismatch
35
mV
THD
−58
dB
First five harmonics
FAULT DETECTION BLOCK
Loss of Signal (LOS)
Sin/Cos Threshold
2.18
2.24
2.3
V p-p
DOS and LOT go low when Sin or Cos fall below threshold
Angular Accuracy (Worst Case)
57
Degrees
LOS indicated before angular output error exceeds limit
(4.0 V p-p input signal and 2.18 V LOS threshold)
Angular Latency (Worst Case)
114
Degrees
Maximum electrical rotation before LOS is indicated
(4.0 V p-p input signal and 2.18 V LOS threshold)
Time Latency
125
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com