Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1205 Datasheet(PDF) 19 Page - Analog Devices

Part # AD2S1205
Description  12-Bit RDC with Reference Oscillator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 13Page - Analog Devices AD2S1205 Datasheet HTML 14Page - Analog Devices AD2S1205 Datasheet HTML 15Page - Analog Devices AD2S1205 Datasheet HTML 16Page - Analog Devices AD2S1205 Datasheet HTML 17Page - Analog Devices AD2S1205 Datasheet HTML 18Page - Analog Devices AD2S1205 Datasheet HTML 19Page - Analog Devices AD2S1205 Datasheet HTML 20Page - Analog Devices AD2S1205 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AD2S1205
Rev. A | Page 18 of 20
The step response to a 10° input step is shown in Figure 14.
Because the error calculation (see Equation 2) is nonlinear for
large values of θ − ϕ, the response time for such large (90° to
180°) step changes in position typically takes three times as long
as the response to a small (<20°) step change in position. In
response to a step change in velocity, the AD2S1205 exhibits
the same response characteristics as it does for a step change
in position.
1
5
0
–40
–35
–30
–25
–20
–15
–10
–5
–45
10
100
10k
1k
FREQUENCY (Hz)
100k
Figure 12. RDC System Magnitude Response
1
0
–20
–180
–160
–140
–120
–100
–80
–60
–40
–200
10
100
10k
1k
FREQUENCY (Hz)
100k
Figure 13. RDC System Phase Response
0
20
18
2
4
6
8
10
12
14
16
0
12
4
3
TIME (ms)
5
Figure 14. RDC Small Step Response
SOURCES OF ERROR
Acceleration
A tracking converter employing a Type II servo loop does not
have a lag in velocity. There is, however, an error associated
with acceleration. This error can be quantified using the
acceleration constant (Ka) of the converter.
Error
Tracking
on
Accelerati
Input
K
a =
(25)
Conversely,
a
K
on
Accelerati
Input
Error
Tracking
=
(26)
Figure 15 shows tracking error vs. acceleration for the AD2S1205.
The units of the numerator and denominator must be consistent.
The maximum acceleration of the AD2S1205 is defined as the
acceleration that creates an output position error of 5° (that is,
when LOT is indicated). The maximum acceleration can be
calculated as
2
2
rps
000
,
103
)
/rev
(
360
5
)
(sec
≅
°
°
×
=
−
a
K
on
Accelerati
Maximum
(27)
0
10
9
1
2
3
4
5
6
7
8
0
40k
80k
160k
120k
ACCELERATION (rps2)
200k
Figure 15. Tracking Error vs. Acceleration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com