Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1205 Datasheet(PDF) 8 Page - Analog Devices

Part # AD2S1205
Description  12-Bit RDC with Reference Oscillator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 4Page - Analog Devices AD2S1205 Datasheet HTML 5Page - Analog Devices AD2S1205 Datasheet HTML 6Page - Analog Devices AD2S1205 Datasheet HTML 7Page - Analog Devices AD2S1205 Datasheet HTML 8Page - Analog Devices AD2S1205 Datasheet HTML 9Page - Analog Devices AD2S1205 Datasheet HTML 10Page - Analog Devices AD2S1205 Datasheet HTML 11Page - Analog Devices AD2S1205 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD2S1205
Rev. A | Page 7 of 20
Pin No.
Mnemonic
Description
26
B
Incremental Encoder Emulation Output B. Logic output. This output is free running and is valid if the resolver format
input signals applied to the converter are valid.
27
NM
North Marker Incremental Encoder Emulation Output. Logic output. This output is free running and is valid if the
resolver format input signals applied to the converter are valid.
28
DIR
Direction. Logic output. This output is used in conjunction with the incremental encoder emulation outputs. The
DIR output indicates the direction of the input rotation and is high for increasing angular rotation.
29
DOS
Degradation of Signal. Logic output. Degradation of signal (DOS) is detected when either resolver input (Sin or Cos)
exceeds the specified DOS Sin/Cos threshold. See the Signal Degradation Detection section. DOS is indicated by a
logic low on the DOS pin and is not latched when the input signals exceed the maximum input level.
30
LOT
Loss of Tracking. Logic output. LOT is indicated by a logic low on the LOT pin and is not latched. See the Loss of
Signal Detection section.
31
FS1
Frequency Select 1. Logic input. FSI in conjunction with FS2 allows the frequency of EXC/EXC to be programmed.
32
FS2
Frequency Select 2. Logic input. FS2 in conjunction with FS1 allows the frequency of EXC/EXC to be programmed.
33
RESET
Reset. Logic input. The AD2S1205 requires an external reset signal to hold the RESET input low until VDD is within
the specified operating range of 4.5 V to 5.5 V. See the
section.
Supply Sequencing and Reset
34
EXC
Excitiation Frequency. Analog output. An on-board oscillator provides the sinusoidal excitation signal (EXC) and its
complement signal (EXC) to the resolver. The frequency of this reference signal is programmable via the FS1 and FS2 pins.
35
EXC
Excitation Frequency Complement. Analog output. An on-board oscillator provides the sinusoidal excitation signal
(EXC) and its complement signal (EXC) to the resolver. The frequency of this reference signal is programmable via
the FS1 and FS2 pins.
36, 42
AGND
Analog Ground. These pins are ground reference points for analog circuitry on the AD2S1205. All analog input
signals and any external reference signal should be referred to this AGND voltage. Both of these pins should be
connected to the AGND plane of a system. The AGND and DGND voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis.
37
Sin
Positive Analog Input of Differential Sin/SinLO Pair. The input range is 2.3 V p-p to 4.0 V p-p.
38
SinLO
Negative Analog Input of Differential Sin/SinLO Pair. The input range is 2.3 V p-p to 4.0 V p-p.
39
AVDD
Analog Supply Voltage, 4.75 V to 5.25 V. This pin is the supply voltage for all analog circuitry on the AD2S1205. The
AVDD and DVDD voltages ideally should be at the same potential and must not be more than 0.3 V apart, even on a
transient basis.
40
CosLO
Negative Analog Input of Differential Cos/CosLO Pair.
41
Cos
Positive Analog Input of Differential Cos/CosLO Pair.
43
REFBYP
Reference Bypass. Reference decoupling capacitors should be connected here. Typical recommended values are
10 μF and 0.01 μF.
44
REFOUT
Voltage Reference Output, 2.39 V to 2.52 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com