Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1205 Datasheet(PDF) 9 Page - Analog Devices

Part # AD2S1205
Description  12-Bit RDC with Reference Oscillator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 5Page - Analog Devices AD2S1205 Datasheet HTML 6Page - Analog Devices AD2S1205 Datasheet HTML 7Page - Analog Devices AD2S1205 Datasheet HTML 8Page - Analog Devices AD2S1205 Datasheet HTML 9Page - Analog Devices AD2S1205 Datasheet HTML 10Page - Analog Devices AD2S1205 Datasheet HTML 11Page - Analog Devices AD2S1205 Datasheet HTML 12Page - Analog Devices AD2S1205 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AD2S1205
Rev. A | Page 8 of 20
RESOLVER FORMAT SIGNALS
Vr = Vp × Sin(ωt)
Vb = Vs × Sin(ωt) × Sin(θ)
(A) CLASSICAL RESOLVER
S1
S3
Va = Vs × Sin(ωt) × Cos(θ)
S2
S4
R1
R2
θ
Vr = Vp × Sin(ωt)
Vb = Vs × Sin(ωt) × Sin(θ)
(B) VARIABLE RELUCTANCE RESOLVER
S1
S3
Va = Vs × Sin(ωt) × Cos(θ)
S2
S4
R1
R2
θ
Figure 3. Classical Resolver vs. Variable Reluctance Resolver
A classical resolver is a rotating transformer that typically has a
primary winding on the rotor and two secondary windings on
the stator. A variable reluctance resolver, on the other hand, has the
primary and secondary windings on the stator and no windings
on the rotor, as shown in Figure 3; however, the saliency in this
rotor design provides the sinusoidal variation in the secondary
coupling with the angular position. For both designs, the resolver
output voltages (S3 − S1, S2 − S4) are as follows:
Sinθ
t
Sin
E
S1
S3
0
×
ω
=
−
)
(
(1)
Cosθ
t
Sin
E
S4
S2
0
×
ω
=
−
)
(
where:
θ is the shaft angle.
Sin(ωt) is the rotor excitation frequency.
E0 is the rotor excitation amplitude.
The stator windings are displaced mechanically by 90° (see
Figure 3). The primary winding is excited with an ac reference.
The amplitude of subsequent coupling onto the secondary
windings is a function of the position of the rotor (shaft)
relative to the stator. The resolver therefore produces two
output voltages (S3 − S1, S2 − S4), modulated by the sine and
cosine of the shaft angle. Resolver format signals refer to the
signals derived from the output of a resolver, as shown in
Equation 1. Figure 4 illustrates the output format.
0°
S2 – S4
(COSINE)
S3 – S1
(SINE)
R2 – R4
(REFERENCE)
90°
180°
θ
270°
360°
Figure 4. Electrical Resolver Representation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com