Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1205 Datasheet(PDF) 20 Page - Analog Devices

Part # AD2S1205
Description  12-Bit RDC with Reference Oscillator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 13Page - Analog Devices AD2S1205 Datasheet HTML 14Page - Analog Devices AD2S1205 Datasheet HTML 15Page - Analog Devices AD2S1205 Datasheet HTML 16Page - Analog Devices AD2S1205 Datasheet HTML 17Page - Analog Devices AD2S1205 Datasheet HTML 18Page - Analog Devices AD2S1205 Datasheet HTML 19Page - Analog Devices AD2S1205 Datasheet HTML 20Page - Analog Devices AD2S1205 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AD2S1205
Rev. A | Page 19 of 20
CONNECTING TO THE DSP
The AD2S1205 serial port is ideally suited for interfacing to DSP-
configured microprocessors. Figure 16 shows the AD2S1205
interfaced to an ADMC401, one of the DSP-based motor
controllers.
The on-chip serial port of the ADMC401 is used in the following
configuration
•
Alternate framing transmit mode with internal framing
(internally inverted)
•
Normal framing receive mode with external framing
(internally inverted)
•
Internal serial clock generation
In this configuration, the internal TFS signal of ADMC401
is used as an external RFS to fully control the timing of
data received, and the same TFS is connected to RD of the
AD2S1205. In addition, the ADMC401 provides an internal
continuous serial clock to the AD2S1205. The SAMPLE signal
on the AD2S1205 can be provided either by using a PIO or by
inverting the PWMSYNC signal to synchronize the position
and velocity readings with the PWM switching frequency. CS
and RDVEL can be obtained using two PIO outputs of the
ADMC401. The 12 bits of significant data and the status bits
are available on each consecutive negative edge of the clock
after the RD signal goes low. Data is clocked from the AD2S1205
into the data receive register of the ADMC401. This is internally
set to 16 bits (12 data bits, 4 status bits) because 16 bits are
received overall. The serial port automatically generates an
internal processor interrupt. This allows the ADMC401 to
read all 16 bits and then continue to process data.
All ADMC401 products can interface to the AD2S1205 by using
similar interface circuitry.
SCLK
DR
TFS
RFS
PWMSYNC
PIO
PIO
SCLK
SOE
SO
RD
SAMPLE
CS
RDVEL
ADMC401
AD2S1205
Figure 16. Connecting to the ADMC401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com