Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1205 Datasheet(PDF) 13 Page - Analog Devices

Part # AD2S1205
Description  12-Bit RDC with Reference Oscillator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 9Page - Analog Devices AD2S1205 Datasheet HTML 10Page - Analog Devices AD2S1205 Datasheet HTML 11Page - Analog Devices AD2S1205 Datasheet HTML 12Page - Analog Devices AD2S1205 Datasheet HTML 13Page - Analog Devices AD2S1205 Datasheet HTML 14Page - Analog Devices AD2S1205 Datasheet HTML 15Page - Analog Devices AD2S1205 Datasheet HTML 16Page - Analog Devices AD2S1205 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD2S1205
Rev. A | Page 12 of 20
A separate screened twisted pair cable is recommended for
analog inputs Sin/SinLO and Cos/CosLO. The screens should
terminate to either REFOUT or AGND.
DVDD
5V
1
2
3
4
5
6
7
8
9
10
11
RESET
33
32
31
30
29
28
27
26
25
24
DGND
8.192
MHz
20pF
20pF
4.7
μF
10nF
23
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
AD2S1205
10
μF
10nF
5V
S2
S4
4.7
μF
10nF
S3
S1
5V
BUFFER
CIRCUIT
BUFFER
CIRCUIT
R2
R1
68k
Ω
68k
Ω
Figure 5. Connecting the AD2S1205 to a Resolver
C1
R2
R1
12V
12V
5V
EXC/EXC
(VIN)
(VREF)
VOUT
AD8662
Figure 6. Buffer Circuit
CLOCK REQUIREMENTS
To achieve the specified dynamic performance, an external crystal
is recommended at the CLKIN and XTALOUT pins. The position
and velocity accuracy are guaranteed for a frequency range of
8.192 MHz ± 25%. However, the velocity outputs are scaled in
proportion to the clock frequency so that if the clock is 25%
greater than the nominal, the full-scale velocity is 25% greater than
nominal. The maximum tracking rate, tracking loop bandwidth,
and excitation frequency also vary with the clock frequency.
ABSOLUTE POSITION AND VELOCITY OUTPUT
The angular position and velocity are represented by binary data
and can be extracted via either a 12-bit parallel interface or a
3-wire serial interface that operates at clock rates of up to 25 MHz.
SOE Input
The serial output enable pin (SOE) is held high to enable the
parallel interface and low to enable the serial interface. In the
latter case, Pin DB0 to Pin DB9 are placed into a high impedance
state while DB11 is the serial output (SO) and DB10 is the serial
clock input (SCLK).
Data Format
The angular position data represents the absolute position of
the resolver shaft as a 12-bit unsigned binary word. The angular
velocity data is a 12-bit twos complement word, representing
the velocity of the resolver shaft rotating in either a clockwise
or counterclockwise direction.
PARALLEL INTERFACE
The angular position and velocity are available on the AD2S1205
in two 12-bit registers, accessed via the 12-bit parallel port. The
parallel interface is selected by holding the SOE pin high. Data
is transferred from the velocity and position integrators to the
position and velocity registers, respectively, after a high-to-low
transition on the SAMPLE pin. The RDVEL pin selects whether
data from the position or velocity register is transferred to the
output register. The CS pin must be held low to transfer data
from the selected register to the output register. Finally, the RD
input is used to read the data from the output register and to
enable the output buffer. The timing requirements for the read
cycle are shown in
.
Figure 7
SAMPLE Input
Data is transferred from the position and velocity integrators to
the position and velocity registers, respectively, after a high-to-
low transition on the SAMPLE signal. This pin must be held
low for at least t1 to guarantee correct latching of the data. RD
should not be pulled low before this time because data will not
be ready. The converter continues to operate during the read
process. A rising edge of SAMPLE resets the internal registers
that contain the minimum and maximum magnitude of the
monitor signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com