Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6144AMTC14X Datasheet(PDF) 5 Page - ON Semiconductor

Part # FMS6144AMTC14X
Description  Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6144AMTC14X Datasheet(HTML) 5 Page - ON Semiconductor

  FMS6144AMTC14X Datasheet HTML 1Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 2Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 3Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 4Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 5Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 6Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6144A • Rev. 1.0.2
4
DC Electrical Characteristics
TA=25°C, VCC=3.3V, RS=37.5Ω, all inputs are AC-coupled with 0.1uF, and all outputs are AC coupled with 220µF into
150Ω load; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply
VCC
Supply Voltage Range
VS Range
3.14
3.30
5.25
V
ICC
Quiescent Supply Current
(1)
VS=+3.3V, No Load
21
24
mA
VS=+5.0V, No Load
25
29
VIN
Video Input Voltage Range
Referenced to GND if DC Coupled
1.4
VPP
PSRR
Power Supply Rejection Ratio
DC (all Channels)
-65
dB
Note:
1.
100% tested at TA=25°C
AC Electrical Characteristics
TA=25°C, VCC=3.3V, RS=37.5Ω, all inputs are AC-coupled with 0.1uF, and all outputs are AC coupled with 220µF into
150Ω load, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
AV
Channel Gain
(2)
Active Video Input Range = 1VPP
5.8
6.0
6.2
dB
BW0.1dB
±0.1dB Bandwidth
RSOURCE=75Ω, RL=150Ω
5
MHz
BW-1.0dB
-1.0 dB Bandwidth
RSOURCE=75Ω, RL=150Ω
7
MHz
BW3.0dB
-3.0 dB Bandwidth
RSOURCE=75Ω, RL=150Ω
8
MHz
Att27M
Normalized Stopband
Attenuation
(2)
RSOURCE=75Ω, f=27MHz
45
60
dB
DG
Differential Gain - NTSC/PAL
Active Video Input Range = 1VPP
0.6
%
DP
Differential Phase - NTSC/PAL Active Video Input Range = 1VPP
0.6
°
THD
Total Harmonic Distortion
f=1.00MHz; VOUT=1.4VPP
0.2
%
Xtalk
Crosstalk (Channel to
Channel)
f=1.00MHz; VOUT=1.4VPP
-65
dB
SNR
Peak Signal to RMS Noise
NTC-7 Weighting: 100kHz to
4.2MHz
74
dB
Tpd
Propagation Delay
Delay from Input to Output;
100KHz to 4.5MHz
90
ns
CLG
Chroma-Luma Gain
(2)
400Khz to 3.58Mhz
95
100
105
%
CLD
Chroma-Luma Delay
400Khz to 3.58Mhz
7.5
ns
Note:
2.
100% tested at TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com