Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6144AMTC14X Datasheet(PDF) 11 Page - ON Semiconductor

Part # FMS6144AMTC14X
Description  Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6144AMTC14X Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FMS6144AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 9Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 10Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 11Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 12Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 13Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 14Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6144A • Rev. 1.0.2
10
The same method can be used for biased signals, with
the addition of a pull-up resistor to make sure the clamp
never operates. The internal pull-down resistance is
800kΩ ±20%, so the external resistance should be
7.5MΩ to set the DC level to 500mV.
LCVF
Bias
Input
0.1μ
External video
source must
be AC coupled
500mV +/-350mV
75Ω
7.5MΩ
75Ω
Figure 18. Biased SCART with DC-Coupled Outputs
The same circuits can be used with AC-coupled outputs
if desired.
DVD or
STB
SoC
DAC
Output
75Ω
LCVF
Clamp
Active
0.1μ
0V - 1.4V
220μ
Figure 19. DC-Coupled Inputs, AC-Coupled Outputs
DVD or
STB
SoC
DAC
Output
LCVF
Clamp
Active
0.1μ
0V - 1.4V
75Ω
220μ
Figure 20. AC-Coupled Inputs and Outputs
LCVF
Clamp
Active
0.1μ
External video
source must
be AC coupled
0V - 1.4V
220μ
75Ω
75Ω
Figure 21. Biased SCART with AC-Coupled Outputs
NOTE: The video tilt or line time distortion is dominated
by the AC-coupling capacitor. The value may need to be
increased beyond 220μF to obtain satisfactory operation
in some applications.
Power Dissipation
The output drive configuration must be considered when
calculating overall power dissipation. Care must be taken
not to exceed the maximum die junction temperature. The
following example can be used to calculate the power
dissipation and internal temperature rise.
TJ = TA + PD • JA
(1)
where:
PD = PCH1 + PCH2 + PCH3
(2)
and
PCHX = VCC • ICH - (VO
2/R
L)
(3)
where:
VO = 2VIN + 0.280V
(4)
ICH = (ICC/3) + (VO/RL)
(5)
VIN = RMS value of input signal
ICC = 19mA
VCC = 3.3V.
RL = channel load resistance
Board layout can also affect thermal characteristics.
Refer to the Layout Considerations section for details.
The FMS6144A is specified to operate with output
currents typically less than 50mA, more than sufficient
for a dual (75Ω) video load. Internal amplifiers are
current limited to a maximum of 100mA and should
withstand brief-duration short-circuit conditions. This
capability is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com