Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6144AMTC14X Datasheet(PDF) 9 Page - ON Semiconductor

Part # FMS6144AMTC14X
Description  Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6144AMTC14X Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FMS6144AMTC14X Datasheet HTML 5Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 6Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 9Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 10Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 11Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 12Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6144A • Rev. 1.0.2
8
Applications Information
The following circuit may be used for direct DC-coupled drive by DACs with an output voltage range of 0V to 1.4VPP.
75
75
75
VCC
Blue
75
75
VDAC_GREEN
220uF
75
75
75
VDAC_RED
75
75
75
220uF
75
VDAC_BLUE
Green
75
VDAC_LUMA
VDAC_COMP
VDAC_CHROMA
220uF
CVBS
Red
Video DAC
Interface
U4-4
BCM7401B0
E17
D17
B16
A17
A16
B18
B17
A18
VDAC1_RBIAS
VDAC0_RBIAS
VDAC0_0
VDAC0_1
VDAC0_2
VDAC1_0
VDAC1_1
VDAC1_2
R371
562_1%
220uF
75
V_DAC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN1
IN2
IN3
IN4
GND
NC1
NC2
OUT1
OUT2
OUT3
OUT4
VCC
NC4
NC3
75
75
0.01uF
0.1uF
R366
562_1%
75
75
Figure 12.
Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com