Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6144AMTC14X Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMS6144AMTC14X
Description  Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6144AMTC14X Datasheet(HTML) 2 Page - ON Semiconductor

  FMS6144AMTC14X Datasheet HTML 1Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 2Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 3Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 4Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 5Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 6Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
August 2011
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6144A • Rev. 1.0.2
FMS6144A
Four-Channel, 6th-Order SD VoltagePlus™ Video Filter Driver
Features
Four-Channel 6th-Order 8MHz (SD) Filter
Drives Single, AC- or DC-Coupled Video Loads
(150Ω)
Transparent Input Clamping
Supply Range: 3.3V to 5.0V
AC- or DC-Coupled Inputs and Outputs
Robust 9kV ESD Protection
Lead-Free TSSOP 14-Pin Package
Applications
Cable Set-Top Boxes
Satellite Set-Top Boxes
DVD Players
HDTV
Personal Video Recorders (PVR)
Video On Demand (VOD)
Description
The FMS6144A VoltagePlus
™ video filter is intended to
replace passive LC filters and drivers with a cost-
effective integrated device. Four 6
th-order filters provide
improved image quality compared to typical 2
nd and 3rd
order passive solutions.
The FMS6144A may be directly driven by a DC-coupled
DAC output or an AC-coupled signal. Internal diode
clamps and bias circuitry may be used if AC-coupled
inputs are required (see the Applications section
for details).
The outputs can drive AC- or DC-coupled single (150Ω)
or dual (75Ω) video loads. DC coupling the outputs
removes the need for large output coupling capacitors.
The input DC levels are offset approximately +280mV at
the output (see the Applications section for details).
Related Applications Notes
AN-6024 – FMS6xxx Product Series Understanding
Analog Video Signal Clamps, Bias, DC Restore, and AC
or DC coupling Methods
AN-6041 – PCB Layout Considerations for Video
Filter / Drivers
IN1
IN2
IN3
OUT1
OUT2
OUT3
IN4
OUT4
6dB
Transparent Clamp
6dB
Transparent Clamp
6dB
Transparent Clamp
6dB
Transparent Clamp
Figure 1.
Block Diagram
Ordering Information
Part Number
Operating Temperature Range
Package
Packing Method
FMS6144AMTC14X
-40°C to +85°C
14-Lead TSSOP
2500 per Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com