Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6144AMTC14X Datasheet(PDF) 10 Page - ON Semiconductor

Part # FMS6144AMTC14X
Description  Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6144AMTC14X Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FMS6144AMTC14X Datasheet HTML 6Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 9Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 10Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 11Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 12Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 13Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6144A • Rev. 1.0.2
9
Application Information
Application Circuits
The FMS6144A VoltagePlus™ video filter provides 6dB
gain from input to output. In addition, the input is slightly
offset to optimize the output driver performance. The
offset is held to the minimum required value to decrease
the standing DC current into the load. Typical voltage
levels are shown in Figure 13:

There is a 280mV offset from the DC input level to the
DC output level. V OUT = 2 * V IN + 280mV.
0.0 -> 0.02V
0.3 -> 0.32V
0.65 -> 0.67V
1.0 -> 1.02V
VIN
0.28V
0.88V
1.58V
2.28V
Driven by:
DC-Coupled DAC Outputs
AC-Coupled and Clamped
Y, CV, R, G, B
VOUT
0.15V
0.5V
0.85V
VIN
0.58V
1.28V
1.98V
Driven by:
AC-Coupled and Biased
U, V, Pb, Pr, C
VOUT
Figure 13. Typical Voltage Levels
The FMS6144A provides an internal diode clamp to
support AC-coupled input signals. If the input signal
does not go below ground, the input clamp does not
operate. This allows DAC outputs to directly drive the
FMS6144A without an AC-coupling capacitor. When the
input is AC coupled, the diode clamp sets the sync tip
(or lowest voltage) just below ground. The worst-case
sync tip compression due to the clamp cannot exceed
7mV. The input level set by the clamp, combined with
the internal DC offset, keeps the output within its
acceptable range.
For symmetric signals like Chroma, U, V, Pb, and Pr;
the average DC bias is fairly constant and the inputs can
be AC-coupled with the addition of a pull-up resistor to
set the DC input voltage. DAC outputs can also drive
these same signals without the AC coupling capacitor. A
conceptual illustration of the input clamp circuit is shown
in Figure 14.
YOUT
Video Cables
Video Cables
75Ω
75Ω
75Ω
75Ω
Driver
YIN
LOAD1
LOAD2
(optional)
0.65V
Figure 14. Input Clamp Circuit
I/O Configurations
For a DC-coupled DAC drive with DC-coupled outputs,
use the configurationin Figure 15.
DVD or
STB
SoC
DAC
Output
75W
LCVF
Clamp
Inactive
0V - 1.4V
Figure 15. DC-Coupled Inputs and Outputs
Alternatively, if the DAC’s average DC output level causes
the signal to exceed the range of 0V to 1.4V, it can be
AC coupled as follows:
DVD or
STB
SoC
DAC
Output
LCVF
Clamp
Active
0.1μ
0V - 1.4V
75Ω
Figure 16. AC-Coupled Inputs, DC-Coupled Outputs
When FMS6144A is driven by an unknown external
source or a SCART switch with its own clamping circuitry,
the inputs should be AC coupled like Figure 17.
75Ω
LCVF
Clamp
Active
0.1μ
External video
source must
be AC coupled
0V - 1.4V
75Ω
Figure 17. SCART with DC-Coupled Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com