Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6144AMTC14X Datasheet(PDF) 4 Page - ON Semiconductor

Part # FMS6144AMTC14X
Description  Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6144AMTC14X Datasheet(HTML) 4 Page - ON Semiconductor

  FMS6144AMTC14X Datasheet HTML 1Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 2Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 3Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 4Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 5Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 6Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6144A • Rev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
DC Supply Voltage
-0.3
6.0
V
VIO
Analog and Digital I/O
-0.3
VCC+0.3
V
VOUT
Maximum Output Current, Do Not Exceed
50
mA
Electrostatic Discharge Information
Symbol
Parameter
Min
Unit
ESD
Human Body Model, JESD22-A114
9
kV
Charged Device Model, JESD22-C101
2
Reliability Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
+300
°C
JA
Thermal Resistance, JEDEC Standard,
Multilayer Test Boards, Still Air
90
°C/W
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
-40
+85
°C
VCC
Supply Voltage Range
3.14
3.30
5.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com