Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB215CWCKG01-5D-EB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB215CWCKG01-5D-EB
Description  General Specifications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB215CWCKG01-5D-EB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB215CWCKG01-5D-EB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Series YB2
Panel Seal Pushbuttons
D120
D
www.nkkswitches.com
TYPICAL SWITCH
ORDERING EXAMPLE
1
C
K
01
LED Cap with Clear Lens
& White Diffuser
With Panel Seal
Silver Contacts with
3 Amp Rating
Solder Lug/.110” (2.8mm)
Quick Connect Terminals
White, Super Bright LED
Black Bezel
Round Black Housing
SPDT
ON-(ON) Circuit
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
YB215CWCKW01-6B-JB
W
C
W
YB2
Poles
1
SPDT
2
DPDT
Contact Point
C
Normally Open and
Normally Closed
Shape
C
Round
S
Square
Circuits
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
Panel Seal
W
With Panel Seal
Bezel
K
Black
P
Brushed Chrome
Contact Materials
& Ratings
W
Silver
Rated 3A @ 125V AC
G
Gold
Rated 0.4VA maximum @
28V AC/DC maximum
Terminals
01
Solder Lug/.110”
(2.8mm) Quick Connect
IMPORTANT:
Switches are supplied without cULus marking unless specified.
cULus recognized only when ordered with marking on the switch.
Specific models, ratings, and ordering instructions are noted on
General Specifications page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com