Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB215CWCKG01-5D-EB Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB215CWCKG01-5D-EB
Description  General Specifications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB215CWCKG01-5D-EB Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB215CWCKG01-5D-EB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Series YB2
Panel Seal Pushbuttons
D121
D
www.nkkswitches.com
TYPICAL SWITCH
ORDERING EXAMPLE
6 B
JB
Super Bright LED
6B
White
6F
Green
6G
Blue
Bright LED
LED Colors
Resistor
No
Code
No Resistor
(not for
Green)
05
5-volt
12
12-volt
24
24-volt
5C
Red
5D
Amber
5F
Green
Cap Color
JB
Clear/White
CB
Red/White
EB
Yellow/White
FB
Green/White
HB
Unbrushed Chrome/White
P
Brushed Chrome
Nonilluminated
N
No Lamp
Cap Types & Colors
LEDS
Lens/Diffuser Cap Colors
JB
Clear/White
JS
Metallic Silver Cap/Clear Ring
(Round only)
HB
Unbrushed Chrome/White
Lens/Diffuser Colors
JB
Clear/White
JS
Metallic Silver Cap/Clear Ring
(Round only)
CB
Red/White
EB
Yellow/White
FB
Green/White
HB
Unbrushed Chrome/White
LED and cap need to be the same color.
Yellow cap pairs with amber LED to achieve
amber illumination. Codes JB and JS (Round
only) may be combined with all LED colors.
Part Numbers for Unbrushed Chrome Caps with Legends
Round Cap for Bright LED
Round Cap for Super Bright LED
Square Cap for Bright
or Super Bright LED
AT3017HB-001
AT3018HB-001
AT3025HB-001
AT3017HB-002
AT3018HB-002
AT3025HB-002
AT3017HB-003
AT3018HB-003
AT3025HB-003
AT3017HB-004
AT3018HB-004
AT3025HB-004
AT3017HB-005
AT3018HB-005
AT3025HB-005
Refer to Ordering Table for legend that corresponds with last 3 digits of part number.
Round or Square Cap with Legend
001
002 START
003 STANDBY
004 STOP
005
Contact factory for custom options.
Round or Square Cap with Legend
001
002 START
003 STANDBY
004 STOP
005
Contact factory for custom options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com