Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB215CWCKG01-5D-EB Datasheet(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB215CWCKG01-5D-EB
Description  General Specifications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB215CWCKG01-5D-EB Datasheet(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button YB215CWCKG01-5D-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Series YB2
Panel Seal Pushbuttons
D128
D
www.nkkswitches.com
1. Remove knurled
mounting nut.
2. Remove bezel and
red o-ring from
housing. There are
two o-rings in this
assembly: one is
red, one is orange.
4. Align tabs (B) on both
sides of actuator with
the projections (A) inside
of the housing and push
actuator firmly down to
snap in.
5. Install the red o-ring
which was removed
in step 2 at the inside
bottom of the bezel.
6. Align tab inside of the bezel with keyway on housing and
bring bezel back into its original position.
7. Before installing into
panel, make sure that
the orange o-ring is
present at the back of
the bezel. Align keyway
on bezel with tab in
panel and push switch
all the way into the
panel.
8. Attach mounting nut behind panel and tighten. Make
sure that bezel and actuator fit properly and that there is
no space between bezel and panel. Do not overtighten.
Mounting torque: 0.785Nm (6.95 lb•in) maximum.
Optional socket wrench AT106 available.
AT106 Socket Wrench
3. Install LED.
LEDs
AT634 & AT636
LED AT628
LEDs AT625G,
AT631B,
AT632F
Align D-flat on LED with Part Number
on switch for appropriate polarity and
insert LED into base.
Align D-flat on LED with Part Number
on switch for appropriate polarity and
insert LED into base.
Bezel
(+)
(–)
(+)
(–)
D-Flat
(+)
(–)
D-Flat
Anode (+)
Cathode (–)
The larger metal part within the LED
represents the cathode (–). Align LED
for appropriate polarity and insert LED
into base.
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
ASSEMBLY INSTRUCTIONS FOR ROUND
Knurled
Mounting Nut
Red O-ring
Part Number
This Side
Cathode
Socket (–)
Anode
Socket (+)
Actuator
B
Housing
A
Actuator
Knurled
Mounting Nut
Panel
Bezel
Red O-ring
Bezel
Housing
Red
O-ring
Keyway
Tab
Bezel
Orange
O-ring
Keyway
Tab
Panel
Back of
Bezel
Bezel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com