Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB215CWCKG01-5D-EB Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB215CWCKG01-5D-EB
Description  General Specifications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB215CWCKG01-5D-EB Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button YB215CWCKG01-5D-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Series YB2
Panel Seal Pushbuttons
D127
D
www.nkkswitches.com
OPTIONAL ACCESSORIES
Adaptors
AT716
Single Pole
Solder Lug/
Quick Connect
Terminals
AT717
Double Pole
Solder Lug/
Quick Connect
Terminals
Dimension A:
Solder Lug .197” (5.0mm); Straight PC .157” (4.0mm)
Material: Glass fiber reinforced polyamide
Note: Order adaptors separately
Round & Square Switch Dimensions Shown with Adaptor AT716
AT718
Single Pole
Straight PC
Terminals
AT719
Double Pole
Straight PC
Terminals
(37.8)
1.488
A
(37.8)
1.488
A
Panel thickness for YB2 Round:
.020” ~ .161” (0.5mm ~ 4.1mm)
Panel thickness for YB2 Square:
.020” ~ .126” (0.5mm ~ 3.2mm)
CL
(3.7) Typ
.146
(4.85) Typ
.191
(1.0) Dia Typ
.039
(5.55) Typ
.219
(3.0) Typ
.118
(1.85) Typ
.073
(4.0)
.157
(17.0)
.669
(17.1)
.673
CL
(3.7) Typ
.146
(4.85) Typ
.191
(1.0) Dia Typ
.039
(5.55)
.219
(3.0) Typ
.118
(1.85) Typ
.073
(4.0)
.157
(17.0)
.669
(17.1)
.673
(5.0)
.197
(17.0)
.669
(17.1)
.673
NC
NO
COM
NO
L
(4.85) Typ
.191
(5.55) Typ
.219
(3.0) Typ
.118
(3.7)
.146
+
NC
NO
COM
NO
L
(4.85) Typ
.191
(5.55) Typ
.219
(3.0) Typ
.118
(3.7)
.146
+
(5.0)
.197
(17.0)
.669
(17.1)
.673
(4.85) Typ
.191
NC
NO
COM
NO
+
L
(5.55)
.219
(3.0)
.118
(3.7)
.146
(4.85) Typ
.191
NC
NO
COM
NO
+
L
(5.55)
.219
(3.0)
.118
(3.7)
.146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com