Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB215CWCKG01-5D-EB Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB215CWCKG01-5D-EB
Description  General Specifications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB215CWCKG01-5D-EB Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB215CWCKG01-5D-EB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Series YB2
Panel Seal Pushbuttons
D118
D
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
3A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC
Logic Level (gold):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Other Ratings
Contact Resistance:
50 milliohms maximum for silver; 100 milliohms maximum for gold
Insulation Resistance:
200 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
1,000,000 operations minimum for momentary circuit
200,000 operations minimum for maintained circuit
Electrical Life:
100,000 operations minimum
Nominal Operating Force:
Single pole: 1.5N
Double pole: 3.0N
Contact Timing:
Nonshorting (break-before-make)
Travel:
Pretravel .059” (1.5mm); Overtravel .059” (1.5mm); Total Travel .118” (3.0mm)
Materials & Finishes
Bezel:
Black: Glass fiber reinforced polyamide (UL94V-0);
Chrome plated: Chrome plating over ABS resin (UL94V-2)
Housing:
Glass fiber reinforced polyamide (UL94V-0)
Base:
Glass fiber reinforced polyamide (UL94V-0)
Movable Contactor:
Phosphor bronze with silver or gold plating
Movable Contacts:
Silver alloy or copper with gold plating
Stationary Contacts:
Silver alloy or copper with gold plating
Switch Terminals:
Phosphor bronze with tin plating
Lamp Terminals:
Phosphor bronze with tin plating
Environmental Data
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F) for Illuminated
–25°C through +70°C (–13°F through +158°F) for Nonilluminated
Humidity:
90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Sealing:
IP65 of IEC60529 standard
Installation
Mounting Torque:
0.785Nm (6.95 lbin) maximum
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 housing, base & black bezel
UL:
File No. E44145 - Recognized only when ordered with marking on switch.
Add “/CUL” before first dash in part number to order cULus marking on switch.
All solder lug models recognized at 3A @ 125/250V AC or 0.4VA @ 28V AC/DC maximum.


Similar Part No. - YB215CWCKG01-5D-EB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB215CWCKG01-5D-CB NKK-YB215CWCKG01-5D-CB Datasheet
316Kb / 8P
22mm Panel Seal Pushbuttons
YB215CWCKG01-5D-JB NKK-YB215CWCKG01-5D-JB Datasheet
316Kb / 8P
22mm Panel Seal Pushbuttons
YB215CWCKG01-5D-JS NKK-YB215CWCKG01-5D-JS Datasheet
316Kb / 8P
22mm Panel Seal Pushbuttons
More results

Similar Description - YB215CWCKG01-5D-EB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com