Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB215CWCKG01-5D-EB Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB215CWCKG01-5D-EB
Description  General Specifications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB215CWCKG01-5D-EB Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button YB215CWCKG01-5D-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCKG01-5D-EB Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Series YB2
Panel Seal Pushbuttons
D126
D
www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS
Single Pole
Double Pole
YB215CWCKW01-6B-JB
PANEL THICKNESS & CUTOUT
Recommended
Panel Thickness
.020” ~ .197”
(0.5mm ~ 5.0mm)
Side-by-side Mounting
YB216CWSPW01-N-P
Recommended
Panel Thickness
.020” ~ .197”
(0.5mm ~ 5.0mm)
Side-by-side Mounting
(25.0)
.984
(19.0)
.748
Dia
Dia
(33.6)
1.323
(7.3)
.288
(1.8)
.071
(2.8)
.110
Typ
(0.5)
.020
Typ
(1.2) x (2.0) Typ
.047 x .079
M16 P1
(7.3)
.288
(3.7)
.146
(9.7)
.382
(6.0)
.236
(11.1)
.437
1
2
3
NC
COM
4
6
5
L
- +
(33.6)
1.323
(7.3)
.288
(1.8)
.071
M16 P1
(2.8)
.110
Typ
(0.5)
.020
Typ
(1.2) x (2.0) Typ
.047 x .079
(7.3)
.288
(24.0)
.945
(18.0)
.709
Sq
Sq
(25.4) Min
1.00
(10.5)
Typ
.413
(1.7)
Typ
.067
(22.0)
.866
Dia Typ
+ 0.3
– 0.0
(25.4) Min
1.00
+ 0.1
– 0.0
+ 0.0
– 0.1
(21.0)
Sq Typ
.827
(24.5) Min
.965
+ 0.3
– 0.0
(24.5) Min
.965
Single Pole
Double Pole
(3.7)
.146
(9.7)
.382
(3.0)
.118
(5.55)
.219
1
2
3
NC
COM
L
- +
(11.1)
.437
(6.0)
.236
(3.7)
.146
(9.7)
.382
NC
COM
(5.55)
.219
(3.0)
.118
(3.7)
.146
NC
COM
(9.7)
.382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com