Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9201ESE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9201ESE
Description  Low-Cost, 7ns, Low-Power Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9201ESE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9201ESE Datasheet HTML 1Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 2Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 3Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 4Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 5Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 6Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 7Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low Cost, 7ns, Low-Power
Voltage Comparators
_______________________________________________________________________________________
3
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Inferred by CMRR test.
Note 3: Tested for +4.75V < VCC < +5.25V, and -5.25V < VEE < -4.75V with VDD = +5V, although permissible analog power-supply
range is 4.75V < VCC < +10.5V for single supply operation with VEE grounded.
Note 4: Specification does not apply to MAX9201.
Note 5: ICC tested for 4.75V < VCC < +10.5V with VEE grounded. IEE tested for -5.25V < VEE < -4.75V with VCC = +5V. IDD tested for
+4.75V < VDD < +5.25V with all comparator outputs low, worst-case condition.
Note 6: Guaranteed by design. Times are for 100mV step inputs (see propagation delay characteristics in Figures 2 and 3)
Note 7: Maximum difference in propagation delay between two comparators in the MAX9201/MAX9202.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9201
3.4
5.0
MAX9202
1.8
3.0
Negative Analog Supply
Current
IEE
Note 5
MAX9203
1.0
1.6
mA
MAX9201
2
3.0
MAX9202
1
1.5
Digital Supply Current
IDD
Note 5
MAX9203
0.5
0.8
mA
MAX9201
33
44
MAX9202
17
24
Power Dissipation
PD
VCC = VDD = +5V,
VEE = 0V
MAX9203
9
13
mW
TIMING CHARACTERISTICS
(VCC = +5V, VEE = -5V, VDD = +5V, GND = 0, VCM = 0, LATCH_ = logic high, TA = -40°C to +85°C. Typical values are at
TA = +25°C, unless otherwise noted.) (Notes 1, 6)
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, VDD = +5V, GND = 0, VCM = 0, LATCH_ = logic high, TA = -40°C to +85°C. Typical values are at TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25
°C7
9
Input-to-Output High
Response Time
tPD+
VOD = 5mV,
CL = 15pF,
IOUT = 2mA
TA = -40
°C to +85°C12
ns
TA = +25
°C7
9
Input-to-Output Low
Response Time
tPD-
VOD = 5mV,
CL = 15pF,
IOUT = 2mA
TA = -40
°C to +85°C12
ns
Rise Time
tR
CL = 15pF,
IOUT = 2mA
TA = +25
°C
2.0
ns
Fall Time
tF
CL = 15pF,
IOUT = 2mA
TA = +25
°C
1.0
ns
TA = +25
°C
0.5
1.5
Difference in Response Time
Between Outputs
∆tPD
Note 7
TA = -40
°C to +85°C
2.5
ns
Latch Disable to Output High
Delay
tPD+(D)
Note 4
10
ns
Latch Disable to Output Low
Delay
tPD-(D)
Note 4
10
ns
Minimum Setup Time
tS
Note 4
2
ns
Minimum Hold Time
tN
Note 4
1
ns
Minimum Latch Disable
Pulse Width
tPW(D)
Note 4
8
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com