Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9201ESE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9201ESE
Description  Low-Cost, 7ns, Low-Power Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9201ESE Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9201ESE Datasheet HTML 1Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 2Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 3Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 4Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 5Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 6Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 7Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Applications Information
Circuit Layout
Because of the large gain-bandwidth transfer function
of the MAX9201/MAX9202/MAX9203 special precau-
tions must be taken to realize their full high-speed
capability. A printed circuit board with a good, low-
inductance ground plane is mandatory. All decoupling
capacitors (the small 100nF ceramic type is a good
choice) should be mounted as close as possible to the
power-supply pins. Separate decoupling capacitors for
analog VCC and for digital VDD are also recommended.
Close attention should be paid to the bandwidth of the
decoupling and terminating components. Short lead
lengths on the inputs and outputs are essential to avoid
unwanted parasitic feedback around the comparators.
Solder the device directly to the printed circuit board
instead of using a socket.
Input Slew-Rate Requirements
As with all high-speed comparators, the high gain-band-
width product of the MAX9201/MAX9202/ MAX9203 can
create oscillation problems when the input traverses the
linear region. For clean output switching without oscilla-
tion or steps in the output waveform, the input must meet
minimum slew-rate requirements (0.5V/s typ). Oscillation
is largely a function of board layout and of coupled
source impedance and stray input capacitance. Both
poor layout and large source impedance will cause the
part to oscillate and increase the minimum slew-rate
requirement. In some applications, it may be helpful to
apply some positive feedback between the output and
positive input. This pushes the output through the transi-
tion region clearly, but applies a hysteresis in threshold
seen at the input terminals.
TTL Output and Latch Inputs
The comparator TTL output stages are optimized for
driving low-power Schottky TTL with a fan-out of four.
When the latch is connected to a logic high level, the
comparator is transparent and immediately responds to
changes at the input terminals. When the latch is con-
nected to a TTL low level, the comparator output latch-
es (in the same state) the instant that the latch
command is applied, and will not respond to subse-
quent changes at the input. No latch is provided on
the MAX9201.
6
_______________________________________________________________________________________
Low Cost, 7ns, Low-Power
Voltage Comparators
PIN
SO
SOT
NAME
FUNCTION
18
VCC
Positive Analog Supply
2
7
IN+
Positive Input
3
6
IN-
Negative Input
45VEE
Negative Analog Supply and
Substrate
54
LATCH
Latch Input
6
3
GND
Ground
7
2
OUT
Output
81
VDD
Positive Digital Supply
Pin Description (continued)
VEE
GND
VDD
VCC
OUT
+10V
+5V
VEE
GND
VDD
VCC
OUT
+5V
VEE
GND
VDD
VCC
OUT
+5V
+5V
-5V
Typical Power-Supply Alternatives
Figure 1a. Separate Analog Supply,
Common Ground
Figure 1b. Single +5V Supply, Common
Ground
Figure 1c. Split ±5V Supply, Separate
Ground
MAX9203



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com