Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9201ESE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9201ESE
Description  Low-Cost, 7ns, Low-Power Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9201ESE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9201ESE Datasheet HTML 1Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 2Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 3Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 4Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 5Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 6Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 7Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Low Cost, 7ns, Low-Power
Voltage Comparators
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, VDD = +5V, GND = 0, VCM = 0, LATCH_ = logic high, VOUT = 1.4V, TA = +25°C, unless otherwise noted.)
Pin Description
6.0
7.0
6.5
8.5
8.0
7.5
9.5
9.0
10.0
030
40
10
20
50
60
70
80
90
RESPONSE TIME vs. LOAD CAPACITANCE
(5mV OVERDRIVE, RLOAD = 2.4k
Ω)
LOAD CAPACITANCE (pF)
tPD-
tPD+
6.5
7.0
6.8
7.5
7.3
7.8
8.0
-40 -30 -20 -10 0 1020304050607080 90
RESPONSE TIME vs. TEMPERATURE
(5mV OVERDRIVE)
TEMPERATURE (
°C)
tPD-
tPD+
PIN
NAME
FUNCTION
1, 8, 9,
16
IN_-
Negative Input (Channels A, B, C,
D)
2, 7, 10,
15
IN_+
Positive Input (Channels A, B, C,
D)
3
GND
Ground
4, 5, 12,
13
OUT_
Output (Channels A, B, C, D)
6VEE
Negative Analog Supply and
Substrate
11
VDD
Positive Digital Supply
14
VCC
Positive Analog Supply
PIN
NAME
FUNCTION
1, 8
IN_-
Negative Input (Channels A, B)
2, 9
IN_+
Positive Input (Channels A, B)
3
GND
Ground
4, 11
LATCH_
Latch Input (Channels A, B)
5, 12
OUT_
Output (Channels A, B)
6, 13
N.C.
No Connection
7VEE
Negative Analog Supply and
Substrate
10
VDD
Positive Digital Supply
14
VCC
Positive Analog Supply
MAX9201
MAX9202



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com