Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9201ESE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9201ESE
Description  Low-Cost, 7ns, Low-Power Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9201ESE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9201ESE Datasheet HTML 1Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 2Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 3Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 4Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 5Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 6Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 7Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low Cost, 7ns, Low-Power
Voltage Comparators
4
_______________________________________________________________________________________
-1.5
-0.5
-1.0
0.5
0
1.0
1.5
-40
10
-15
35
60
85
INPUT OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
2.8
3.2
3.0
3.6
3.4
3.8
4.0
04
6
28
10
12
OUTPUT HIGH VOLTAGE (VOH)
vs. LOAD CURRENT
LOAD CURRENT (mA)
TA = -40
°C
TA = +85
°C
TA = +25
°C
0
50
100
150
200
250
300
350
400
04
26
8
10
12
OUTPUT LOW VOLTAGE (VOL)
vs. LOAD CURRENT
LOAD CURRENT (mA)
TA = +85
°C
TA = +25
°C
TA = -40
°C
5.0
6.0
5.5
7.0
6.5
8.0
7.5
8.5
9.5
9.0
10.0
0
101520
5
253035
45
40
50
RESPONSE TIME vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
tPD-
tPD+
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
56789
10
ICC SUPPLY CURRENT (PER COMPARATOR)
vs. VCC SUPPLY VOLTAGE
VCC SUPPLY VOLTAGE (V)
TA = +85°C
TA = +25°C
TA = -40°C
VEE = GND
Typical Operating Characteristics
(VCC = +5V, VEE = -5V, VDD = +5V, GND = 0, VCM = 0, LATCH_ = logic high, VOUT = 1.4V, TA = +25°C, unless otherwise noted.)
0.4
0.8
0.6
1.2
1.0
1.6
1.4
1.8
-40
10
-15
35
60
85
INPUT BIAS CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCM = 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com