Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9201ESE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9201ESE
Description  Low-Cost, 7ns, Low-Power Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9201ESE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9201ESE Datasheet HTML 1Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 2Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 3Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 4Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 5Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 6Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 7Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX9201/MAX9202/MAX9203 high-speed, low-
power, quad/dual/single comparators feature TTL logic
outputs with active internal pullups. Fast propagation
delay (7ns typ at 5mV overdrive) makes these devices
ideal for fast A/D converters and sampling circuits, line
receivers, V/F converters, and many other data-discrim-
ination, signal restoration applications.
All comparators can be powered from separate analog
and digital power supplies or from a single combined
supply voltage. The analog input common-mode range
includes the negative rail, allowing ground sensing
when powered from a single supply. The MAX9201/
MAX9202/MAX9203 consume only 9mW per compara-
tor when powered from a +5V supply.
The MAX9202/MAX9203 feature output latches with TTL
compatible inputs. The comparator output states are
held when the latch inputs are driven low. The
MAX9201 provides all the same features as the
MAX9202/MAX9203 with the exception of the latches.
The MAX9201/MAX9202/MAX9203 are lower power and
lower cost upgrades to the MAX901/MAX902/MAX903
offering a 50% power savings and smaller packaging.
________________________Applications
____________________________Features
o Fast 7ns Propagation Delay
o Low 9mW/Comparator Power Consumption
o Separate Analog and Digital Supplies
o Flexible Analog Supply: +5V to +10V or ±5V
o Input Voltage Range Includes
Negative Supply Rail
o TTL-Compatible Outputs
o TTL-Compatible Latch Inputs
(MAX9202/MAX9203)
o Available in Space-Saving Packages
8-Pin SOT23 (MAX9203)
14-Pin TSSOP (MAX9202)
16-Pin TSSOP (MAX9201)
Low-Cost, 7ns, Low-Power
Voltage Comparators
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
N.C.
OUTB
LATCHB
LATCHA
GND
INA+
INA-
MAX9202
VDD
INB+
INB-
VEE
N.C.
OUTA
SO/TSSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
INA-
IND-
IND+
VCC
OUTD
OUTC
VDD
INC+
INC-
MAX9201
SO/TSSOP
INA+
GND
VEE
OUTA
OUTB
INB+
INB-
IN-
VEE
LATCH
1
2
8
7
VCC
IN+
OUT
GND
VDD
SOT23
3
4
6
5
MAX9203
GND
LATCH
VEE
1
2
8
7
VDD
OUT
IN+
IN-
VCC
SO
3
4
6
5
MAX9203
Pin Configurations
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX9201EUE
-40°C to +85°C
16 TSSOP
MAX9201ESE
-40°C to +85°C
16 Narrow SO
MAX9202EUD
-40°C to +85°C
14 TSSOP
MAX9202ESD
-40°C to +85°C
14 Narrow SO
MAX9203EKA-T
-40°C to +85°C
8 SOT23-8
MAX9203ESA
-40°C to +85°C
8 Narrow SO
Ordering Information
High-Speed A/D
Converters
High-Speed V/F
Converters
Line Receivers
High-Speed Signal
Squaring/Restoration
Threshold Detectors
Input Trigger Circuitry
High-Speed Data
Sampling
PWM Circuits
19-1936; Rev 1; 1/05


Similar Part No. - MAX9201ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX920 MAXIM-MAX920 Datasheet
150Kb / 12P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX920 MAXIM-MAX920 Datasheet
173Kb / 10P
PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX920 MAXIM-MAX920 Datasheet
597Kb / 15P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9205 MAXIM-MAX9205 Datasheet
320Kb / 13P
10-Bit Bus LVDS Serializers
Rev 1; 11/10
More results

Similar Description - MAX9201ESE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
logo
Hi-Sincerity Mocroelect...
H393P HSMC-H393P Datasheet
34Kb / 3P
LOW POWER LOW OFFSET VOLTAGE COMPARATORS
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
Low Power Low Offset Voltage Comparators
logo
Linear Technology
LT1713 LINER-LT1713_15 Datasheet
238Kb / 16P
Single/Dual, 7ns, Low Power
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
Single/Dual, 7ns, Low Power
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
Low Power Low Offset Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com