Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9201ESE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9201ESE
Description  Low-Cost, 7ns, Low-Power Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9201ESE Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX9201ESE Datasheet HTML 1Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 2Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 3Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 4Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 5Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 6Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 7Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
_______________________________________________________________________________________
7
Low Cost, 7ns, Low-Power
Voltage Comparators
Power Supplies
The MAX9201/MAX9202/MAX9203 can be powered
from separate analog and digital supplies or from a sin-
gle +5V supply. The analog supply can range from +5V
to +10V with VEE grounded for single-supply operation
(Figures 1a and 1b) or from a split ±5V supply (Figure
1c). The VDD digital supply always requires +5V.
In high-speed, mixed-signal applications where a com-
mon ground is shared, a noisy digital environment can
adversely affect the analog input signal. When set up with
separate supplies, the MAX9201/MAX9202/MAX9203
isolate analog and digital signals by providing a separate
analog ground (VEE) and digital ground (GND).
Definition of Terms
VOS
Input Offset Voltage: Voltage applied be-
tween the two input terminals to obtain TTL
logic threshold (+1.4V) at the output.
VIN
Input Voltage Pulse Amplitude: Usually set
to 100mV for comparator specifications.
VOD
Input Voltage Overdrive: Usually set to 5mV
and in opposite polarity to VIN for comparator
specifications.
tpd+
Input to Output High Delay: The propagation
delay measured from the time the input signal
crosses the input offset voltage to the TTL
logic threshold (+1.4V) of an output low to high
transition.
tpd-
Input to Output Low Delay: The propagation
delay measured from the time the input signal
crosses the input offset voltage to the TTL
logic threshold (+1.4V) of an output high to low
transition.
tpd+ (D) Latch Disable to Output High Delay: The
propagation delay measured from the latch
signal crossing the TTL logic threshold
(+1.4V) in a low to high transition to the point
of the output crossing TTL threshold (+1.4V)
in a low to high transition.
tpd- (D) Latch Disable to Output Low Delay: The
propagation delay measured from the latch
signal crossing the TTL threshold (+1.4V) in a
low to high transition to the point of the output
crossing TTL threshold (+1.4V) in a high to
low transition.
ts
Minimum Setup Time: The minimum time,
before the negative transition of the latch sig-
nal, that an input signal change must be pre-
sent in order to be acquired and held at the
outputs.
th
Minimum Hold Time: The minimum time,
after the negative transition of the latch sig-
nal, that an input signal must remain
unchanged in order to be acquired and held
at the output.
tpw (D)
Minimum Latch Disable Pulse Width: The
minimum time that the latch signal must
remain high in order to acquire and hold an
input signal change.
Figure 2. MAX9201/MAX9202/MAX9203 Diagram
Figure 3. tPD+ Response Time to 5mV Overdrive
LATCH
ENABLE
INPUT
tpd
tpd+ (D)
tpw (D)
ts
th
VIN
VOD
VOS
LATCH
COMPARE
LATCH
LATCH
COMPARE
COMPARATOR
OUTPUT
1.4V
1.4V
5ns/div
OUTPUT
INPUT
VOD + 5mV
50mV/div
1V/div
0V
0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com