Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS4984
Description  2 x 1W Stereo audio power amplifier with active low standby mode
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS4984 Datasheet HTML 7Page - STMicroelectronics TS4984 Datasheet HTML 8Page - STMicroelectronics TS4984 Datasheet HTML 9Page - STMicroelectronics TS4984 Datasheet HTML 10Page - STMicroelectronics TS4984 Datasheet HTML 11Page - STMicroelectronics TS4984 Datasheet HTML 12Page - STMicroelectronics TS4984 Datasheet HTML 13Page - STMicroelectronics TS4984 Datasheet HTML 14Page - STMicroelectronics TS4984 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Electrical characteristics
TS4984
11/29
Figure 26: Output power vs. power supply
voltage
Figure 27: Output power vs. power supply
voltage
Figure 28: Output power vs. load resistor
Figure 29: Output power vs. load resistor
Figure 30: Output power vs. load resistor
Figure 31: Power dissipation vs. output power
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
THD+N=10%
THD+N=1%
RL = 16
Ω
F = 1kHz
BW < 125kHz
Tamb = 25
°C
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
THD+N=10%
THD+N=1%
RL = 32
Ω
F = 1kHz
BW < 125kHz
Tamb = 25
°C
Vcc (V)
4
8
12
16
20
24
28
32
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
THD+N=10%
THD+N=1%
Vcc = 5V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
Load Resistance (W)
4
8
12
16
20
24
28
32
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
THD+N=10%
THD+N=1%
Vcc = 3.3V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
Load resistance
4
8
12
16
20
24
28
32
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
THD+N=10%
THD+N=1%
Vcc = 2.6V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
Load resistance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.4
0.8
1.2
1.6
2.0
2.4
RL=16
Ω
RL=8
Ω
Vcc=5V
F=1kHz
THD+N<1%
RL=4
Ω
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com