Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4984
Description  2 x 1W Stereo audio power amplifier with active low standby mode
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4984 Datasheet HTML 14Page - STMicroelectronics TS4984 Datasheet HTML 15Page - STMicroelectronics TS4984 Datasheet HTML 16Page - STMicroelectronics TS4984 Datasheet HTML 17Page - STMicroelectronics TS4984 Datasheet HTML 18Page - STMicroelectronics TS4984 Datasheet HTML 19Page - STMicroelectronics TS4984 Datasheet HTML 20Page - STMicroelectronics TS4984 Datasheet HTML 21Page - STMicroelectronics TS4984 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
TS4984
Application Information
18/29
4
Application Information
The TS4984 integrates two monolithic power amplifiers with a BTL (Bridge Tied Load) output type
(explained in more detail in Section 4.1). For this discussion, only the left-channel amplifier will be
referred to.
Referring to the schematic in Figure 64, we assign the following variables and values:
Vin =IN-L
Vout1 =VO-L, Vout2 =VO+R
Rin = Rin-L, Rfeed = Rfeed-L
Cfeed = Cfeed-L
4.1 BTL configuration principle
BTL (Bridge Tied Load) means that each end of the load is connected to two single-ended output
amplifiers. Thus, we have:
Single-ended output 1 = Vout1 =Vout (V),
Single-ended output 2 = Vout2 =-Vout (V), Vout1 -Vout2 =2Vout (V)
The output power is:
For the same power supply voltage, the output power in a BTL configuration is four times higher than the
output power in a single-ended configuration.
Figure 64: Typical application schematic - left channel
Rin = Rin-L
Cin = Cin-L
Input L
GND
Rfeed = Rfeed-L
VCC
Cs
1u
RL
Cfeed = Cfeed-L
AV = -1
Vin-
Vin+
Vout 1
Vout 2
+
-
+
-
VO-L
VO+L
IN-L
IN+L
=
=
=
=
Bias
Bypass
Standby
TS4984
Cb
1u
P
out
2V
outRMS
()
2
R
L
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com