Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4984
Description  2 x 1W Stereo audio power amplifier with active low standby mode
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4984 Datasheet HTML 12Page - STMicroelectronics TS4984 Datasheet HTML 13Page - STMicroelectronics TS4984 Datasheet HTML 14Page - STMicroelectronics TS4984 Datasheet HTML 15Page - STMicroelectronics TS4984 Datasheet HTML 16Page - STMicroelectronics TS4984 Datasheet HTML 17Page - STMicroelectronics TS4984 Datasheet HTML 18Page - STMicroelectronics TS4984 Datasheet HTML 19Page - STMicroelectronics TS4984 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
TS4984
Electrical characteristics
16/29
Figure 56: SIgnal to noise ratio vs. power
supply with A weighted filter
Figure 57: Crosstalk vs. frequency
Figure 58: Crosstalk vs. frequency
Figure 59: Crosstalk vs. frequency
Figure 60: Crosstalk vs. frequency
Figure 61: Output noise voltage, device ON
2.5
3.0
3.5
4.0
4.5
5.0
80
85
90
95
RL=16
Ω
RL=8
Ω
RL=4
Ω
Av = 10
Cb = 1
µF
THD+N < 0.7%
Tamb = 25
°C
Power Supply Voltage (V)
100
1000
10000
-120
-100
-80
-60
-40
-20
0
Vcc = 5V
Av = 2
Pout = 1W
RL = 8
Ω
BW < 125kHz
Tamb = 25 C
L to R
R to L
Frequency (Hz)
100
1000
10000
-120
-100
-80
-60
-40
-20
0
Vcc = 3.3V
Av = 2
Pout = 300mW
RL = 8
Ω
BW < 125kHz
Tamb = 25 C
L to R
R to L
Frequency (Hz)
100
1000
10000
-120
-100
-80
-60
-40
-20
0
Vcc = 2.6V
Av = 2
Pout = 180mW
RL = 8
Ω
BW < 125kHz
Tamb = 25 C
L to R
R to L
Frequency (Hz)
100
1000
10000
-120
-100
-80
-60
-40
-20
0
Vcc = 2.2V
Av = 2
Pout = 70mW
RL = 8
Ω
BW < 125kHz
Tamb = 25 C
L to R
R to L
Frequency (Hz)
24
68
10
10
15
20
25
30
35
40
45
50
A Weighted Filter
Unweighted Filter
Vcc = 2.2V to 5V
Cb = 1
µF
RL = 8
Ω
Tamb = 25°C
Closed Loop Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com