Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4984
Description  2 x 1W Stereo audio power amplifier with active low standby mode
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4984 Datasheet HTML 19Page - STMicroelectronics TS4984 Datasheet HTML 20Page - STMicroelectronics TS4984 Datasheet HTML 21Page - STMicroelectronics TS4984 Datasheet HTML 22Page - STMicroelectronics TS4984 Datasheet HTML 23Page - STMicroelectronics TS4984 Datasheet HTML 24Page - STMicroelectronics TS4984 Datasheet HTML 25Page - STMicroelectronics TS4984 Datasheet HTML 26Page - STMicroelectronics TS4984 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Application Information
TS4984
23/29
4.7 Shutdown time
When the standby command is set, the time required to put the two output stages in high impedance and
the internal circuitry in shutdown mode is a few microseconds.
Note:
In shutdown mode, Bypass pin and Vin- pin are short-circuited to ground by internal switches. This allows for
the quick discharge of the Cb and Cin capacitors.
4.8 Pop performance
Pop performance is intimately linked with the size of the input capacitor Cin and the bias voltage bypass
capacitor Cb.
The size of Cin is dependent on the lower cut-off frequency and PSRR values requested. The size of Cb
is dependent on THD+N and PSRR values requested at lower frequencies.
Moreover, Cb determines the speed with which the amplifier turns ON. In order to reach near zero pop
and click, the equivalent input constant time is:
tin =(Rin+2 kΩ)x Cin (s) with Rin ≥ 5kΩ
must not reach the
τin maximum value as indicated in the graph below in Figure 68.
By following previous rules, the TS4984 can reach near zero pop and click even with high gains such as
20 dB.
Example calculation
With Rin =22kΩ and a 20 Hz, -3 db low cut-off frequency, Cin = 361 nF. So, Cin =390 nF with standard
value which gives a lower cut-off frequency equal to 18.5 Hz. In this case, (Rin +2 kΩ)x Cin =9.36ms.
When referring to the previous graph, if Cb =1 µF and Vcc = 5 V, we read 20 ms max. This value is twice
as high as our current value, thus we can state that pop and click will be reduced to its lowest value.
Minimizing both Cin and the gain benefits both the pop phenomena, and the cost and size of the
application.
Figure 68:
τin max. versus bypass capacitor
12
34
0
40
80
120
160
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Tamb=25
°C
Bypass Capacitor Cb ( F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com