Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4984
Description  2 x 1W Stereo audio power amplifier with active low standby mode
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4984 Datasheet HTML 17Page - STMicroelectronics TS4984 Datasheet HTML 18Page - STMicroelectronics TS4984 Datasheet HTML 19Page - STMicroelectronics TS4984 Datasheet HTML 20Page - STMicroelectronics TS4984 Datasheet HTML 21Page - STMicroelectronics TS4984 Datasheet HTML 22Page - STMicroelectronics TS4984 Datasheet HTML 23Page - STMicroelectronics TS4984 Datasheet HTML 24Page - STMicroelectronics TS4984 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Application Information
TS4984
21/29
Then, the power dissipated by each amplifier is:
and the maximum value is obtained when:
and its value is:
Note:
This maximum value is only depending on power supply voltage and load values.
The efficiency,
η, is the ratio between the output power and the power supply:
The maximum theoretical value is reached when VPEAK = VCC, so that:
The TS4984 has two independent power amplifiers, and each amplifier produces heat due to its power
dissipation. Therefore, the maximum die temperature is the sum of the each amplifier’s maximum power
dissipation. It is calculated as follows:
Pdiss L = Power dissipation due to the left channel power amplifier.
Pdiss R = Power dissipation due to the right channel power amplifier.
Total Pdiss =Pdiss L +Pdiss R (W)
In most cases, Pdiss L = Pdiss R, giving:
or, stated differently:
P
di ss
P
sup pl y
P
out
=
W
()
P
diss
22 V
CC
π R
L
------------------------
P
out
P
out
=
W
()
∂P
diss
∂P
out
--------------------- = 0
P
dissmax
2V
cc
2
π2R
L
-------------
=
W
()
η =
P
out
P
supply
--------------------- =
πV
PEAK
4V
CC
-------------------------
π
4
----- = 78.5%
Total P
diss
2P
di ssL
(W)
=
Total P
diss
42 V
CC
π R
L
------------------------P
out
2P
out
=
W
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com