Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980BCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7980BCPZ-R2
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980BCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7980BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7980
Data Sheet
Rev. F | Page 8 of 26
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 4. 10-Lead MSOP Pin Configuration
Figure 5. 10-Lead LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
MSOP
LFCSP
1
1
REF
AI
Reference Input Voltage. The REF range is from 2.4 V to 5.1 V. It is referred to the GND
pin. This pin should be decoupled closely to the pin with a 10 µF capacitor.
2
2
VDD
P
Power Supply.
3
3
IN+
AI
Analog Input. It is referred to IN−. The voltage range, for example, the difference
between IN+ and IN−, is 0 V to VREF.
4
4
IN−
AI
Analog Input Ground Sense. To be connected to the analog ground plane or to a remote
sense ground.
5
5
GND
P
Power Supply Ground.
6
6
CNV
DI
Convert Input. This input has multiple functions. On its leading edge, it initiates the
conversions and selects the interface mode of the device, chain, or CS mode. In CS mode,
it enables the SDO pin when low. In chain mode, the data should be read when CNV is high.
7
7
SDO
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
8
8
SCK
DI
Serial Data Clock Input. When the device is selected, the conversion result is shifted out
by this clock.
9
9
SDI
DI
Serial Data Input. This input provides multiple features. It selects the interface mode of
the ADC as follows. Chain mode is selected if SDI is low during the CNV rising edge. In
this mode, SDI is used as a data input to daisy-chain the conversion results of two or
more ADCs onto a single SDO line. The digital data level on SDI is output on SDO with a
delay of 16 SCK cycles. CS mode is selected if SDI is high during the CNV rising edge. In
this mode, either SDI or CNV can enable the serial output signals when low; if SDI or CNV
is low when the conversion is complete, the busy indicator feature is enabled.
10
10
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface
(1.8 V, 2.5 V, 3 V, or 5 V).
Not
applicable
0
EPAD
Not
applicable
Exposed Pad. Connect the exposed pad to GND. This connection is not required to meet
the electrical performances.
1
AI = analog input, DI = digital input, DO = digital output, and P = power.
REF 1
VDD 2
IN+ 3
IN– 4
VIO
10
SDI
9
SCK
8
SDO
7
GND 5
CNV
6
AD7980
TOP VIEW
(Not to Scale)
1
REF
2
VDD
3
IN+
4
IN–
5
GND
10 VIO
9 SDI
8 SCK
7 SDO
6 CNV
AD7980
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
THIS CONNECTION IS NOT REQUIRED TO
MEET THE ELECTRICAL PERFORMANCES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com