Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980BCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7980BCPZ-R2
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980BCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7980BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7980
Data Sheet
Rev. F | Page 12 of 26
Figure 18. SINAD vs. Frequency
Figure 19. SNR vs. Temperature
Figure 20. Operating Currents vs. Supply
Figure 21. THD vs. Frequency
Figure 22. THD vs. Temperature
Figure 23. Operating Currents vs. Temperature
100
80
10
1000
FREQUENCY (kHz)
95
90
85
100
95
85
89
87
91
93
–55
125
TEMPERATURE (°C)
–35
–15
5
25
65
85
45
105
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.425
2.475
VDD VOLTAGE (V)
2.375
2.525
2.575
2.625
IVDD
IREF
IVIO
–85
–125
10
1000
FREQUENCY (kHz)
100
–90
–95
–100
–105
–110
–115
–120
–110
–120
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
–112
–114
–116
–118
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
IVDD
IREF
IVIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com