Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980BCPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7980BCPZ-R2
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980BCPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7980BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD7980
Rev. F | Page 11 of 26
Figure 12. Histogram of a DC Input at the Code Center, REF = 5 V
Figure 13. Histogram of a DC Input at the Code Transition, REF = 5 V
Figure 14. SNR, SINAD, and ENOB vs. Reference Voltage
Figure 15. Histogram of a DC Input at the Code Center, REF = 2.5 V
Figure 16. SNR vs. Input Level
Figure 17. THD, SFDR vs. Reference Voltage
180k
0
800C 800D 800E 800F
8009
8008
800B
800A
8003
8005
8004
8007
8006
2000
33
829
0
27
0
1201
CODE IN HEX
140k
160k
100k
120k
60k
20k
80k
40k
38751
168591
52710
70k
0
7FFF
8008
8001
8000
8003
8002
8005
8004
8007
8006
0
0
150
2
59691
5428
59404
3
93
CODE IN HEX
60k
50k
30k
10k
40k
20k
6295
100
80
85
90
95
2.25
5.25
REFERENCE VOLTAGE (V)
16
12
13
14
15
2.75
3.25
3.75
4.25
4.75
SNR
SINAD
ENOB
60k
0
7FFA
8006
7FFC
7FFB
7FFE 7FFF
7FFD
8001
8000
8003 8004 8005
8002
00
0
0
539
16
14
502
CODE IN HEX
50k
30k
10k
40k
20k
32417
52212
31340
7225
6807
95
85
87
89
92
91
93
94
86
88
90
–10
0
INPUT LEVEL (dB OF FULL SCALE)
–9
–8
–7
–6
–5
–4
–3
–2
–1
–95
–125
–110
–115
–105
–100
–120
115
85
100
95
105
110
90
2.25
5.25
REFERENCE VOLTAGE (V)
2.75
3.25
3.75
4.25
4.75
THD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com