Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980BCPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7980BCPZ-R2
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980BCPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7980BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD7980
Rev. F | Page 15 of 26
Transfer Functions
The ideal transfer characteristic for the AD7980 is shown in
Figure 26 and Table 8.
Figure 26. ADC Ideal Transfer Function
Table 8. Output Codes and Ideal Input Voltages
Analog Input
Description
VREF = 5 V
Digital Output Code (Hex)
FSR − 1 LSB
4.999924 V
FFFF1
Midscale + 1 LSB
2.500076 V
8001
Midscale
2.5 V
8000
Midscale − 1 LSB
2.499924 V
7FFF
−FSR + 1 LSB
76.3 µV
0001
−FSR
0 V
00002
1
This is also the code for an overranged analog input (VIN+ − VIN− above VREF − VGND).
2
This is also the code for an underranged analog input (VIN+ − VIN− below VGND).
TYPICAL APPLICATION CIRCUIT WITH MULTIPLE
SUPPLIES
Figure 27 shows an example of a typical application circuit for
the AD7980 when multiple supplies are available.
Figure 27. Typical Application Circuit with Multiple Supplies
000 ... 000
000 ... 001
000 ... 010
111 ... 101
111 ... 110
111 ... 111
–FSR –FSR + 1LSB
–FSR + 0.5LSB
+FSR – 1 LSB
+FSR – 1.5 LSB
ANALOG INPUT
AD7980
3- OR 4-WIRE INTERFACE
2.5V
V+
20Ω
V+
V–
0 TO VREF
1.8V TO 5V
100nF
10µF2
2.7nF
4
100nF
REF
IN+
IN–
VDD
VIO SDI
CNV
SCK
SDO
GND
REF1
1SEE THE VOLTAGE REFERENCE INPUT SECTION FOR REFERENCE SELECTION.
2CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3SEE THE DRIVER AMPLIFIER CHOICE SECTION.
4OPTIONAL FILTER. SEE THE ANALOG INPUT SECTION.
5SEE THE DIGITAL INTERFACE FOR THE MOST CONVENIENT INTERFACE MODE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com