Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980BCPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7980BCPZ-R2
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980BCPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD7980BCPZ-R2 Datasheet HTML 1Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD7980* PRODUCT PAGE QUICK LINKS
Last Content Update: 11/02/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD7980 Evaluation kit
• Precision ADC PMOD Compatible Boards
DOCUMENTATION
Application Notes
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
• AN-931: Understanding PulSAR ADC Support Circuitry
• AN-932: Power Supply Sequencing
Data Sheet
• AD7980-DSCC: Military Data Sheet
• AD7980-EP: Enhanced Product Data Sheet
• AD7980: 16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP Data
Sheet
Product Highlight
• [NO TITLE FOUND] Product Highlight
• Lowest-Power 16-Bit ADC Optimizes Portable Designs
(eeProductCenter, 10/4/2006)
User Guides
• UG-340: Evaluation Board for the 10-Lead Family 14-/16-/
18-Bit PulSAR ADCs
• UG-682: 6-Lead SOT-23 ADC Driver for the 8-/10-Lead
Family of 14-/16-/18-Bit PulSAR ADC Evaluation Boards
SOFTWARE AND SYSTEMS REQUIREMENTS
• AD7980 - No-OS Driver for Microchip Microcontroller
Platforms
• AD7980 - No-OS Driver for Renesas Microcontroller
Platforms
• AD7980 FMC-SDP Interposer & Evaluation Board / Xilinx
KC705 Reference Design
• BeMicro FPGA Project for AD7980 with Nios driver
TOOLS AND SIMULATIONS
• AD7980 IBIS Models
REFERENCE MATERIALS
Press
• Analog Devices To Host ‘Name That Beer’ Demonstration
Using Spectrometer Technology from Wasatch Photonics
at electronica 2012
• Most Power Efficient Drivers For 12-, 14- And 16-bit A/D
Converters Unveiled
Product Selection Guide
• SAR ADC & Driver Quick-Match Guide
Technical Articles
• Explaining SAR ADC Power Specifications
• Exploring Different SAR ADC Analog Input Architectures
• Introduction to Dynamic Power Scaling
• MS-1779: Nine Often Overlooked ADC Specifications
• MS-2210: Designing Power Supplies for High Speed ADC
• Powering A Precision SAR ADC Using A High Efficiency,
Ultralow Power Switcher in Power Sensitive Applications
Tutorials
• MT-001: Taking the Mystery out of the Infamous Formula,
"SNR=6.02N + 1.76dB", and Why You Should Care
• MT-002: What the Nyquist Criterion Means to Your
Sampled Data System Design
• MT-031: Grounding Data Converters and Solving the
Mystery of "AGND" and "DGND"
DESIGN RESOURCES
• AD7980 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD7980 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com