Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980BCPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7980BCPZ-R2
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980BCPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7980BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7980
Data Sheet
Rev. F | Page 14 of 26
THEORY OF OPERATION
Figure 25. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7980 is a fast, low power, single-supply, precise 16-bit
ADC that uses a successive approximation architecture.
The AD7980 is capable of converting 1,000,000 samples per
second (1 MSPS) and powers down between conversions. When
operating at 10 kSPS, for example, it consumes 70 µW typically,
ideal for battery-powered applications.
The AD7980 provides the user with on-chip track-and-hold
and does not exhibit any pipeline delay or latency, making it
ideal for multiple multiplexed channel applications.
The AD7980 can be interfaced to any 1.8 V to 5 V digital logic
family. It is housed in a 10-lead MSOP or a tiny 10-lead LFCSP
that combines space savings and allows flexible configurations.
It is pin-for-pin compatible with the 18-bit AD7982.
CONVERTER OPERATION
The AD7980 is a successive approximation ADC based on a
charge redistribution DAC. Figure 25 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 16 binary weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
input of the comparator are connected to GND via SW+ and
SW−. All independent switches are connected to the analog inputs.
Therefore, the capacitor arrays are used as sampling capacitors
and acquire the analog signal on the IN+ and IN− inputs. When
the acquisition phase is completed and the CNV input goes high,
a conversion phase is initiated. When the conversion phase begins,
SW+ and SW− are opened first. The two capacitor arrays are then
disconnected from the inputs and connected to the GND input.
Therefore, the differential voltage between the inputs IN+ and
IN− captured at the end of the acquisition phase are applied to
the comparator inputs, causing the comparator to become
unbalanced. By switching each element of the capacitor array
between GND and REF, the comparator input varies by binary
weighted voltage steps (VREF/2, VREF/4 … VREF/65,536). The control
logic toggles these switches, starting with the MSB, to bring the
comparator back into a balanced condition. After the completion
of this process, the device returns to the acquisition phase and the
control logic generates the ADC output code and a busy signal
indicator.
Because the AD7980 has an on-board conversion clock, the
serial clock, SCK, is not required for the conversion process.
COMP
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
CONTROL
LOGIC
SW+
LSB
SW+
LSB
IN+
REF
GND
IN–
MSB
MSB
C
C
4C
2C
16,384C
32,768C
C
C
4C
2C
16,384C
32,768C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com