Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3APFP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 36 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 32Page - Texas Instruments TSB41BA3APFP Datasheet HTML 33Page - Texas Instruments TSB41BA3APFP Datasheet HTML 34Page - Texas Instruments TSB41BA3APFP Datasheet HTML 35Page - Texas Instruments TSB41BA3APFP Datasheet HTML 36Page - Texas Instruments TSB41BA3APFP Datasheet HTML 37Page - Texas Instruments TSB41BA3APFP Datasheet HTML 38Page - Texas Instruments TSB41BA3APFP Datasheet HTML 39Page - Texas Instruments TSB41BA3APFP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a-2000 INTERFACE)
The TSB41BA3A is designed to operate with an LLC such as the Texas Instruments TSB12LV21B, TSB12LV26,
TSB12LV32, TSB42AA4, or TSB12LV01B when the BMODE terminal is tied low. Details of operation for the
Texas Instruments LLC devices are found in the respective LLC data sheets. The following paragraphs describe
the operation of the PHY-LLC interface. This interface is formally defined in IEEE 1394a-2000, Section 5A.
The interface to the LLC consists of the PCLK, CTL0−CTL1, D0−D7, LREQ, LPS, and S5_LKON terminals on
the TSB41BA3A, as shown in Figure 12.
S5_LKON
LPS
PCLK (SYSCLK)
LREQ
D0–D7
CTL0–CTL1
Link-Layer
Controller
TSB41BA3A
Figure 12. PHY-LLC Interface
The PCLK terminal provides a 49.152-MHz interface system clock. All control and data signals are synchronized
to and sampled on the rising edge of PCLK. This terminal serves the same function as the SYSCLK terminal
of 1394a-2000 compliant PHY devices.
The CTL0 and CTL1 terminals form a bidirectional control bus, which controls the flow of information and data
between the TSB41BA3A and LLC.
The D0−D7 terminals form a bidirectional data bus, which transfers status information, control information, or
packet data between the devices. The TSB41BA3A supports S100, S200, and S400 data transfers over the
D0−D7 data bus. In S100 operation only the D0 and D1 terminals are used; in S200 operation only the D0−D3
terminals are used; and in S400 operation all D0−D7 terminals are used for data transfer. When the TSB41BA3A
is in control of the D0−D7 bus, unused Dn terminals are driven low during S100 and S200 operations. When
the LLC is in control of the D0−D7 bus, unused Dn terminals are ignored by the TSB41BA3A.
The LREQ terminal is controlled by the LLC to send serial service requests to the PHY in order to request access
to the serial-bus for packet transmission, read or write PHY registers, or control arbitration acceleration.
The LPS and S5_LKON terminals are used for power management of the PHY and LLC. The LPS terminal
indicates the power status of the LLC and may be used to reset the PHY-LLC interface or to disable PCLK. The
S5_LKON terminal sends a wake-up notification to the LLC or external circuitry and indicates an interrupt to the
LLC when either LPS is inactive or the PHY register L bit is 0.
The TSB41BA3A normally controls the CTL0−CTL1 and D0−D7 bidirectional buses. The LLC is allowed to drive
these buses only after the LLC has been granted permission to do so by the PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com