Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3APFP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 42 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 38Page - Texas Instruments TSB41BA3APFP Datasheet HTML 39Page - Texas Instruments TSB41BA3APFP Datasheet HTML 40Page - Texas Instruments TSB41BA3APFP Datasheet HTML 41Page - Texas Instruments TSB41BA3APFP Datasheet HTML 42Page - Texas Instruments TSB41BA3APFP Datasheet HTML 43Page - Texas Instruments TSB41BA3APFP Datasheet HTML 44Page - Texas Instruments TSB41BA3APFP Datasheet HTML 45Page - Texas Instruments TSB41BA3APFP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a-2000 INTERFACE)
status transfer (continued)
The sequence of events for a status transfer is as follows:
(a) Status transfer initiated. The PHY indicates a status transfer by asserting status on the CTL lines along with
the status data on the D0 and D1 lines (only 2 bits of status are transferred per cycle). Normally (unless
interrupted by a receive operation), a status transfer is either 2 or 8 cycles long. A 2-cycle (4-bit) transfer
occurs when only status information is to be sent. An 8-cycle (16-bit) transfer occurs when register data is
to be sent in addition to any status information.
(b) Status transfer terminated. The PHY normally terminates a status transfer by asserting idle on the CTL lines.
The PHY may also interrupt a status transfer at any cycle by asserting receive on the CTL lines to begin
a receive operation. The PHY asserts at least one idle cycle between consecutive status transfers.
receive
Whenever the PHY detects the data-prefix state on the serial bus, it initiates a receive operation by asserting
receive on the CTL terminals and a logic 1 on each of the D bus terminals (data-on indication). The PHY
indicates the start of a packet by placing the speed code (encoded as shown in Table 21) on the D terminals,
followed by packet data. The PHY holds the CTL terminals in the receive state until the last symbol of the packet
has been transferred. The PHY indicates the end of packet data by asserting idle on the CTL terminals. All
received packets are transferred to the LLC. Note that the speed code is part of the PHY-LLC protocol and is
not included in the calculation of CRC or any other data protection mechanisms.
It is possible for the PHY to receive a null packet, which consists of the data-prefix state on the serial bus followed
by the data-end state, without any packet data. A null packet is transmitted whenever the packet speed exceeds
the capability of the receiving PHY, or whenever the LLC immediately releases the bus without transmitting any
data. In this case, the PHY asserts receive on the CTL terminals with the data-on indication (all 1s) on the D
bus terminals, followed by Idle on the CTL terminals, without any speed code or data being transferred. In all
cases, in normal operation, the TSB41BA3A sends at least one data-on indication before sending the speed
code or terminating the receive operation.
The TSB41BA3A also transfers its own self-ID packet, transmitted during the self-ID phase of bus initialization,
to the LLC. This packet it transferred to the LLC just as any other received self-ID packet.
00
00
10
XX
dn
d0
SPD
(a)
(b)
FF (data-on)
D0–D7
CTL0, CTL1
SYSCLK
(c)
(d)
(e)
NOTE A: SPD = Speed code, see Table 21. d0–dn = Packet data
Figure 15. Normal Packet Reception Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com