Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3APFP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 17Page - Texas Instruments TSB41BA3APFP Datasheet HTML 18Page - Texas Instruments TSB41BA3APFP Datasheet HTML 19Page - Texas Instruments TSB41BA3APFP Datasheet HTML 20Page - Texas Instruments TSB41BA3APFP Datasheet HTML 21Page - Texas Instruments TSB41BA3APFP Datasheet HTML 22Page - Texas Instruments TSB41BA3APFP Datasheet HTML 23Page - Texas Instruments TSB41BA3APFP Datasheet HTML 24Page - Texas Instruments TSB41BA3APFP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. Base Register Configuration
Address
BIT POSITION
Address
0
1
2
3
4
5
6
7
0000
Physical ID
R
CPS
0001
RHB
IBR
Gap_Count
0010
Extended (111b)
Num_Ports (0011b)
0011
PHY_Speed (111b)
SREN
Delay (0000b)
0100
LCtrl
C
Jitter (000b)
Pwr_Class
0101
WDIE
ISBR
CTOI
CPSI
STOI
PEI
EAA
EMC
0110
Max Legacy SPD
BLINK
Bridge
Rsvd
0111
Page_Select
Rsvd
Port_Select
Table 3. Base Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
Physical ID
6
Rd
This field contains the physical address ID of this node determined during self-ID. The physical-ID is invalid after
a bus reset until the self-ID has completed as indicated by an unsolicited register 0 status transfer from the PHY
to the LLC.
R
1
Rd
Root. This bit indicates that this node is the root node. The R bit is reset to 0 by bus reset, and is set to 1 during
tree-ID if this node becomes root.
CPS
1
Rd
Cable-power-status. This bit indicates the state of the CPS input terminal. The CPS terminal is normally tied to
serial bus cable power through a 400-k
Ω resistor. A 0 in this bit indicates that the cable power voltage has
dropped below its threshold for ensured reliable operation.
RHB
1
Rd/Wr
Root-holdoff bit. This bit instructs the PHY to attempt to become root after the next bus reset. The RHB bit is reset
to 0 by a hardware reset, and is unaffected by a bus reset. If two nodes on a single bus have their root holdoff bit
set, then the result is not defined. To prevent two nodes from having their root-holdoff bit set, this bit must only be
written using a PHY configuration packet.
IBR
1
Rd/Wr
Initiate bus reset. This bit instructs the PHY to initiate a long (166
µs) bus reset at the next opportunity. Any
receive or transmit operation in progress when this bit is set completes before the bus reset is initiated. The IBR
bit is reset to 0 after a hardware reset or a bus reset. Care must be exercised when writing to this bit to not change
the other bits in this register. It is recommended that whenever possible a bus reset be initiated using the ISBR bit
and not the IBR bit.
Gap_Count
6
Rd/Wr
Arbitration gap count. This value sets the subaction (fair) gap, arb-reset gap, and arb-delay times. The gap count
can be set either by a write to the register, or by reception or transmission of a PHY_CONFIG packet. The gap
count is reset to 3Fh by hardware reset or after two consecutive bus resets without an intervening write to the gap
count register (either by a write to the PHY register or by a PHY_CONFIG packet). It is strongly recommended
that this field only be changed using PHY configuration packets.
Extended
3
Rd
Extended register definition. For the TSB41BA3A, this field is 111b, indicating that the extended register set is
implemented.
Num_Ports
4
Rd
Number of ports. This field indicates the number of ports implemented in the PHY. For the TSB41BA3A this field
is 3.
PHY_Speed
3
Rd
PHY speed capability. This field is no longer used. For the TSB41BA3A PHY this field is 111b. Speeds for 1394b
PHYs must be checked on a port-by-port basis.
SREN
1
Rd/Wr
Standby/restore enable. This bit when set to 1 enables the port to go into the standby reduced power state when
commanded by a Standby PHY command packet. This enable works for all ports of the local device. Note the
1394b standard only allows leaf (one port connected) nodes to be placed into standby mode.
Delay
4
Rd
PHY repeater data delay. This field indicates the worst case repeater data delay of the PHY, expressed as
144+(delay
× 20) ns. For the TSB41BA3A this field is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com