Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3APFP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 2 Page - Texas Instruments

  TSB41BA3APFP Datasheet HTML 1Page - Texas Instruments TSB41BA3APFP Datasheet HTML 2Page - Texas Instruments TSB41BA3APFP Datasheet HTML 3Page - Texas Instruments TSB41BA3APFP Datasheet HTML 4Page - Texas Instruments TSB41BA3APFP Datasheet HTML 5Page - Texas Instruments TSB41BA3APFP Datasheet HTML 6Page - Texas Instruments TSB41BA3APFP Datasheet HTML 7Page - Texas Instruments TSB41BA3APFP Datasheet HTML 8Page - Texas Instruments TSB41BA3APFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information
The TSB41BA3A provides the digital and analog transceiver functions needed to implement a three-port node
in a cable-based IEEE 1394 network. Each cable port incorporates two differential line transceivers. The
transceivers include circuitry to monitor the line conditions as needed for determining connection status, for
initialization and arbitration, and for packet reception and transmission. The TSB41BA3A is designed to
interface with a link-layer controller (LLC), such as the TSB82AA2, TSB12LV21, TSB12LV26, TSB12LV32,
TSB42AA4, TSB42AB4, TSB12LV01B, or TSB12LV01C. It may also be connected cable port to cable port to
an integrated 1394 Link + PHY layer such as the TSB43AB2.
The TSB41BA3A is powered by a single 3.3-V supply. The core voltage supply is supplied by an internal voltage
regulator to the PLLVDD-CORE and DVDD-CORE terminals. To protect the phase-locked loop (PLL) from
noise, the PLLVDD-CORE terminals must be separately decoupled from the DVDD-CORE terminals. The
PLLVDD-CORE terminals are decoupled with 1-
µF and smaller decoupling capacitors and the DVDD-CORE
terminals are separately decoupled with a 1-
µF and smaller decoupling capacitors. The separation between
DVDD-CORE and PLLVDD-CORE must be implemented by separate power supply rails or planes.
The TSB41BA3A may be powered by dual supplies, a 3.3-V supply for I/O and a core voltage supply. The core
voltage supply is supplied to the PLLVDD-CORE and DVDD-CORE terminals to the requirements in the
recommended operating conditions section of this data sheet. The PLLVDD-CORE terminals must be
separated from the DVDD-CORE terminals, the PLLVDD-CORE terminals are decoupled with 1-
µF and smaller
decoupling capacitors and the DVDD-CORE terminals separately decoupled with 1-
µF and smaller decoupling
capacitors. The separation between DVDD-CORE and PLLVDD-CORE may be implemented by separate
power supply rails, or by a single power supply rail, where the DVDD-CORE and PLLVDD-CORE are separated
by a filter network to keep noise from the PLLVDD-CORE supply.
The TSB41BA3A requires an external 49.152-MHz crystal to generate a reference clock. The external clock
drives an internal phase-locked loop (PLL), which generates the required reference signal. This reference signal
provides the clock signals that control transmission of the outbound encoded information. A 49.152-MHz clock
signal is supplied by the PHY to the associated LLC for synchronization of the two devices and is used for
resynchronization of the received data when operating the PHY-link interface in compliance with the IEEE
1394a-2000 standard. A 98.304-MHz clock signal is supplied by the PHY to the associated LLC for
synchronization of the two devices when operating the PHY-link interface in compliance with the IEEE
1394b-2002 standard. The power down (PD) function, when enabled by asserting the PD terminal high, stops
operation of the PLL.
Data bits to be transmitted through the cable ports are received from the LLC on 2, 4, or 8 parallel paths
(depending on the requested transmission speed and PHY-link interface mode of operation). They are latched
internally, combined serially, encoded, and transmitted at 98.304, 122.78, 196.608, 245.76, 393.216, or
491.52 Mbits/s (referred to as S100, S100B, S200, S200B, S400, or S400B speed, respectively) as the
outbound information stream.
ORDERING INFORMATION†
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
0
°C to 70°C
HTQFP - PFP
TSB41BA3APFP
−40
°C to 85°C
HTQFP - PFP
TSB41BA3AIPFP
TSB41BA3I
−40
°C to 85°C
Micro Star
 BGA CSP - GGM
TSB41BA3AIGGM
TSB41BA3I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Micro Star is a trademark of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com