Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3APFP Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 38 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 34Page - Texas Instruments TSB41BA3APFP Datasheet HTML 35Page - Texas Instruments TSB41BA3APFP Datasheet HTML 36Page - Texas Instruments TSB41BA3APFP Datasheet HTML 37Page - Texas Instruments TSB41BA3APFP Datasheet HTML 38Page - Texas Instruments TSB41BA3APFP Datasheet HTML 39Page - Texas Instruments TSB41BA3APFP Datasheet HTML 40Page - Texas Instruments TSB41BA3APFP Datasheet HTML 41Page - Texas Instruments TSB41BA3APFP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a-2000 INTERFACE)
LLC service request (continued)
The length of the stream varies depending on the type of request as shown in Table 13.
Table 13. Request Stream Bit Length
REQUEST TYPE
NUMBER OF BITS
Bus request
7 or 8
Read register request
9
Write register request
17
Acceleration control request
6
Regardless of the type of request, a start bit of 1 is required at the beginning of the stream, and a stop bit of 0
is required at the end of the stream. The second through fourth bits of the request stream indicate the type of
the request. In the descriptions below, bit 0 is the most significant and is transmitted first in the request bit stream.
The LREQ terminal is normally low.
Table 14 shows the encoding for the request type.
Table 14. Request Type Encoding
LR1−LR3
NAME
DESCRIPTION
000
ImmReq
Immediate bus request. Upon detection of idle, the PHY takes control of the bus immediately without arbitration.
001
IsoReq
Isochronous bus request. Upon detection of idle, the PHY arbitrates for the bus without waiting for a subaction gap.
010
PriReq
Priority bus request. The PHY arbitrates for the bus after a subaction gap, ignores the fair protocol.
011
FairReq
Fair bus request. The PHY arbitrates for the bus after a subaction gap, follows the fair protocol.
100
RdReg
The PHY returns the specified register contents through a status transfer
101
WrReg
Write to the specified register
110
AccelCtl
Enable or disable asynchronous arbitration acceleration
111
Reserved
Reserved
For a bus request, the length of the LREQ bit stream is 7 or 8 bits as shown in Table 15.
Table 15. Bus Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1−3
Request type
Indicates the type of bus request. See Table 14.
4−6
Request speed
Indicates the speed at which the PHY sends the data for this request. See Table 16 for the encoding of this field.
7
Stop bit
Indicates the end of the transfer (always 0). If bit 6 is 0, then this bit may be omitted.
Table 16 shows the 3-bit request speed field used in bus requests.
Table 16. Bus Request Speed Encoding
LR4−LR6
DATA RATE
000
S100
010
S200
100
S400
All Others
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com