Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3APFP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 18Page - Texas Instruments TSB41BA3APFP Datasheet HTML 19Page - Texas Instruments TSB41BA3APFP Datasheet HTML 20Page - Texas Instruments TSB41BA3APFP Datasheet HTML 21Page - Texas Instruments TSB41BA3APFP Datasheet HTML 22Page - Texas Instruments TSB41BA3APFP Datasheet HTML 23Page - Texas Instruments TSB41BA3APFP Datasheet HTML 24Page - Texas Instruments TSB41BA3APFP Datasheet HTML 25Page - Texas Instruments TSB41BA3APFP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 3. Base Register Field Descriptions (Continued)
FIELD
SIZE
TYPE
DESCRIPTION
LCtrl
1
Rd/Wr
Link-active status control. This bit controls the indicated active status of the LLC reported in the self-ID packet.
The logical AND of this bit and the LPS active status is replicated in the L field (bit 9) of the self-ID packet. The
LLC bit in the node self-ID packet is set active only if both the LPS input is active and the LCtrl bit is set.
The LCtrl bit provides a software controllable means to indicate the LLC self-ID active status in lieu of using the
LPS input terminal.
The LCtrl bit is set to 1 by hardware reset and is unaffected by bus-reset.
NOTE: The state of the PHY-LLC interface is controlled solely by the LPS input, regardless of the state of the
LCtrl bit. If the PHY-LLC interface is operational as determined by the LPS input being active, then received
packets and status information continue to be presented on the interface, and any requests indicated on the
LREQ input are processed, even if the LCtrl bit is cleared to 0.
C
1
Rd/Wr
Contender status. This bit indicates that this node is a contender for the bus or isochronous resource manager.
This bit is replicated in the c field (bit 20) of the self-ID packet. This bit is set to 0 on hardware reset. After
hardware reset, this bit may only be set via a software register write. This bit is unaffected by a bus reset.
Jitter
3
Rd
PHY repeater jitter. This field indicates the worst case difference between the fastest and slowest repeater data
delay, expressed as (jitter+1)
× 20 ns. For the TSB41BA3A, this field is 0.
Pwr_Class
3
Rd/Wr
Node power class. This field indicates this node power consumption and source characteristics and is
replicated in the pwr field (bits 21−23) of the self-ID packet. This field is reset to the state specified by the S5−S0
input terminals upon a hardware reset, and is unaffected by a bus reset. See Table 1 and Table 10.
WDIE
1
Rd/Wr
Watchdog interrupt enable. This bit, if set to 1, enables the port event interrupt (PIE) bit to be set whenever
resume operations begin on any port, or when any of the CTOI, CPSI, or STOI interrupt bits are set and the link
interface is nonoperational. This bit is reset to 0 by hardware reset and is unaffected by bus reset.
ISBR
1
Rd/Wr
Initiate short arbitrated bus reset. This bit, if set to 1, instructs the PHY to initiate a short (1.3
µs) arbitrated bus
reset at the next opportunity. This bit is reset to 0 by a bus reset. It is recommended that short bus reset is the
only reset type initiated by software. IEC 61883-6 requires that a node initiate short bus resets to minimize any
disturbance to an audio stream.
NOTE: Legacy IEEE Std 1394-1995 compliant PHYs are not capable of performing short bus resets.
Therefore, initiation of a short bus reset in a network that contains such a legacy device results in a long bus
reset being performed.
CTOI
1
Rd/Wr
Configuration time-out interrupt. This bit is set to 1 when the arbitration controller times out during tree-ID start,
and may indicate that the bus is configured in a loop. This bit is reset to 0 by hardware reset, or by writing a 1 to
this register bit.
If the CTOI and WDIE bits are both set and the LLC is or becomes inactive, then the PHY activates the
S5_LKON output to notify the LLC to service the interrupt.
NOTE: If the network is configured in a loop, then only those nodes which are part of the loop generate a
configuration-timeout interrupt. All other nodes instead time out waiting for the tree-ID and/or self-ID process to
complete and then generate a state time-out interrupt and bus-reset. This bit is only set when the bus topology
includes 1394a nodes; otherwise, 1394b loop healing prevents loops from being formed in the topology.
CPSI
1
Rd/Wr
Cable power status interrupt. This bit is set to 1 whenever the CPS input transitions from high to low indicating
that cable power may be too low for reliable operation. This bit is reset to 1 by hardware reset. It can be cleared
by writing a 1 to this register bit.
If the CPSI and WDIE bits are both set and the LLC is or becomes inactive, then the PHY activates the
S5_LKON output to notify the LLC to service the interrupt.
STOI
1
Rd/Wr
State-timeout interrupt. This bit indicates that a state time-out has occurred (which also causes a bus-reset to
occur). This bit is reset to 0 by hardware reset, or by writing a 1 to this register bit.
If the STOI and WDIE bits are both set and the LLC is or becomes inactive, then the PHY activates the
S5_LKON output to notify the LLC to service the interrupt.
PEI
1
Rd/Wr
Port event interrupt. This bit is set to 1 on any change in the connected, bias, disabled, or fault bits for any port
for which the port interrupt enable (PIE) bit is set. Additionally, if the resuming port interrupt enable (WDIE) bit is
set, then the PEI bit is set to 1 at the start of resume operations on any port. This bit is reset to 0 by hardware
reset, or by writing a 1 to this register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com