Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1681 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1681
Description  Dual Transistor Synchronous Forward Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1681 Datasheet(HTML) 1 Page - Linear Technology

  LT1681 Datasheet HTML 1Page - Linear Technology LT1681 Datasheet HTML 2Page - Linear Technology LT1681 Datasheet HTML 3Page - Linear Technology LT1681 Datasheet HTML 4Page - Linear Technology LT1681 Datasheet HTML 5Page - Linear Technology LT1681 Datasheet HTML 6Page - Linear Technology LT1681 Datasheet HTML 7Page - Linear Technology LT1681 Datasheet HTML 8Page - Linear Technology LT1681 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1681
1681f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
Dual Transistor
Synchronous Forward Controller
The LT
®1681 controller simplifies the design of high power
synchronous dual transistor forward DC/DC converters. The
part employs fixed frequency current mode control and
supports both isolated and nonisolated topologies. The IC
drivesexternalN-channelpowerMOSFETsandoperateswith
input voltages up to 72V.
The LT1681’s operating frequency is programmable and can
be synchronized up to 350kHz. Switch phase is also con-
trolled during synchronized operation to accommodate mul-
tiple converter systems. Internal logic guarantees 50% maxi-
mum duty cycle operation to prevent transformer saturation.
The LT1681 incorporates a soft-start feature that provides a
controlled increase in supplied current during start-up and
after an undervoltage lockout or overvoltage/overcurrent
event.
The part is available in a 20-lead wide SO package to support
high voltage pin-to-pin clearance.
s
Isolated Telecommunication Systems
s
Personal Computers and Peripherals
s
Lead Acid Battery Backup Systems
s
Automotive and Heavy Equipment
s
High Voltage: Operation Up to 72V
s
Synchronizable Operating Frequency and Output
Switch Phase for Multiple Controller Systems
s
Fixed Frequency Operation to 350kHz
s
Adaptive and Adjustable Blanking
s
Synchronous Rectifier Driver
s
Local 1% Voltage Reference
s
Undervoltage Lockout Protection with Hysteresis
s
Input Overvoltage Protection
s
Programmable Start Inhibit
s
Transformer Primary Saturation Protection
s
Optocoupler Feedback Support
s
Soft-Start Control
, LTC and LT are registered trademarks of Linear Technology Corporation.
36V-72V DC to 5V/7A Synchronous Forward Converter (Half-Brick Footprint)
VCC
14
2
1
5
1
µF
150pF
OVLO
SHDN
73.2k
1%
20k
10k
270k
0.25W
68
µF
20V
5VREF
6
FSET
4.7nF
8
SS
10
15
BAT54
ZVN3310F
9
VC
PGND
VFB
37
4
THERM
LT1681
SYNC SGND
52.3k
100
Ω
1k
1%
100
Ω
2k
FZT690
4.7
µF
16V
0.22
µF
50V
CMPZ5242B
12V
3.3
Ω
10k
0.01
µF
13
SG
+
0.1
µF
11
SENSE
16
BG
18
BSTREF
19
TG
BLKSENS
TMAX
20
BAS21
0.1
µF
100V
VBST
C4
1.5
µF
100V
C3
1.5
µF
100V
L1
4.7
µH
0.025
Ω
1/2W
Q3
1nF
100V
1nF
100V
Q5
Q6
MURS120T3
MURS120T3
Q1
VIN
+
VIN
–
C2
22
µF
100V
VOUT
+
VOUT
–
C5
330
µF
10V
10
Ω
0.25W
10
Ω
0.25W
L2
4.1
µH
330pF
+
1.24k
1%
VCC1
IN2
IN1
GND2
VCC2
OUT2
OUT1
GND1
8
3
1
4
6
5
7
2
LTC1693-2
1OV
BIAS
1OV
BIAS
MBR-
0540T1
MMBD914LT1
5V
OUT
3.01k
1%
51
Ω
0.047
µF
6
7
5
8
4
9
1
2
3
10
11
12
1nF
4.7
Ω
+
1681 TA01
56k
12
17
CMPZ5248B
18V
CMPZ-
5248B
15V
Q10
24k
T1
C2:SANYO 100MV22AX
C3, C4: VITRAMON VJ1825Y155MXB
C5: 4X KEMET T510X337KO10AS
L1: COILCRAFT DO1608C-472
L2: PANASONIC ETQP6F4R1LF4
Q1,Q3:100V SILICONIX SUD40N10-25
Q5,Q6: SILICONIX Si4450
T1:COILTRONICS VP5-1200
Q10: ON SEMI MMBT3906LTI
VOUT = 5V
IOUT = 7A


Similar Part No. - LT1681

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
Dual Transistor Synchronous Forward Controller
More results

Similar Description - LT1681

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
Single Switch Synchronous Forward Controller
LT3781 LINER-LT3781 Datasheet
267Kb / 20P
Bootstrap Start Dual Transistor Synchronous Forward Controller
LT3781 LINER-LT3781_09 Datasheet
253Kb / 20P
?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
Secondary-Side Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
Transistor Synchronous Forward Controller
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
Dual Transistor Synchronous Forward Controller
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
Single Switch Synchronous Forward Controller
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
Active Clamp Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com