Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1681 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1681
Description  Dual Transistor Synchronous Forward Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1681 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1681 Datasheet HTML 9Page - Linear Technology LT1681 Datasheet HTML 10Page - Linear Technology LT1681 Datasheet HTML 11Page - Linear Technology LT1681 Datasheet HTML 12Page - Linear Technology LT1681 Datasheet HTML 13Page - Linear Technology LT1681 Datasheet HTML 14Page - Linear Technology LT1681 Datasheet HTML 15Page - Linear Technology LT1681 Datasheet HTML 16Page - Linear Technology LT1681 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1681
1681f
to the minimum off time, the converter maximum duty
cycle can be forced using the SYNC input. For example, a
30% duty cycle SYNC pulse forces 30% maximum duty
cycle operation for the converter. Because the logic low
pulse width exceeds the logic high pulse width in < 50%
duty cycle operation, the oscillator free-run cycle time
must be programmed to exceed the logic low duration.
The LT1681 enters an ultralow current shutdown mode
when the SHDN pin is below 350mV. During this mode,
total supply current drops to a typical value of less than
1
µA. When SHDN rises above 350mV, the IC will draw
increasing amounts of supply current until just before the
1.25V turn-on threshold is achieved, when the typical
supply current reaches 60
µA.
The shutdown function can be disabled by connecting the
SHDN pin to VCC. This pin is internally clamped to 2.5V
through a 20k series input resistance and can therefore
draw almost 1mA when tied directly to the VCC supply. This
additional current can be minimized by making the con-
nection through an external series resistor (100k is typi-
cally used).
Soft-Start
The LT1681 current control pin (VC) limits sensed current
to zero at voltages less than 1.4V through full current limit
at VC = 3.2V, yielding 1.8V over the full regulation range.
The voltage on the VC pin is internally forced to be less than
or equal to SS + 0.7V. As such, the SS pin has a “dead
zone” between 0V and 0.7V, where a zero sensed current
condition is maintained. At SS voltages above 0.7V, the
sensed current limit threshold on pin VC may rise as
needed up to the SS maintained current limit value. Once
the SS pin rises to the VC pin maximum value less 0.7V, or
2.5V, the SS circuit has no effect.
The SS pin sources a typical current of 10
µA. Placing a
capacitor (CSS) from the SS pin to ground will cause the
voltage on the SS pin to ramp up at a controlled rate,
allowing a graceful increase of maximum converter output
current during a start-up condition. The start-up delay
time to full available current limit is:
tSS = 2.5 • 105 • CSS (sec)
The LT1681 internally pulls the SS pin below the zero
current threshold during any fault condition to assure
graceful recovery. The SS circuit also acts as a fault control
latch to assure a full-range recovery from a short duration
fault. Once a fault condition is detected, the LT1681 will
suspend switching until the SS pin has discharged to
approximately 225mV.
APPLICATIO S I FOR ATIO
1.5V
FSET
SYNC
1681 F04
SYSTEM
CLOCK
(INTERNAL)
2.5V
Figure 4. Oscillator/SYNC Waveforms
5VREF
FSET
75k
50k
100pF
1681 F05
LT1681
5
6
Figure 5. Oscillator Connection for Sync-Only Mode Operation
Shutdown
The LT1681 SHDN pin will support TTL and CMOS logic
signals and also analog inputs. The SHDN pin turn-on
(rising) threshold is 1.25V with 150mV of hysteresis. A
common use of the SHDN pin is for undervoltage detec-
tion on the input supply. Driving the SHDN pin with a
resistor divider connected from the input supply to ground
will prevent switching until the desired input supply volt-
age is achieved.
It is also possible to run the LT1681 in a SYNC-only mode
by disabling the oscillator completely. Connecting a resis-
tor divider from the 5VREF pin to the FSET pin, forcing a
voltage within the charge range of 1.5V to 2.5V, will allow
the oscillator to follow the SYNC input exclusively with no
provision for free-run. Setting values to force a voltage as
close to 2V as possible is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com