Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1681 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1681
Description  Dual Transistor Synchronous Forward Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1681 Datasheet(HTML) 3 Page - Linear Technology

  LT1681 Datasheet HTML 1Page - Linear Technology LT1681 Datasheet HTML 2Page - Linear Technology LT1681 Datasheet HTML 3Page - Linear Technology LT1681 Datasheet HTML 4Page - Linear Technology LT1681 Datasheet HTML 5Page - Linear Technology LT1681 Datasheet HTML 6Page - Linear Technology LT1681 Datasheet HTML 7Page - Linear Technology LT1681 Datasheet HTML 8Page - Linear Technology LT1681 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1681
1681f
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = VBST = 12V, VBSTREF = 0V, VVC = 2V, VFB = VREF = 1.25V, CTG = CBG = CSG = 1000pF.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
5V External Reference
V5VREF
5V Reference Voltage
0
≤ (I5VREF – IVC) < 20mA
4.85
5
5.10
V
q
4.80
5.15
V
I5VREFSC
Short-Circuit Current
Source, IVC = 0
q
20
45
mA
R5VREF
Output Impedance
0
≤ (I5VREF – IVC) < 20mA
1
Error Amp
VFB
Error Amplifier Reference Voltage
Measured at Feedback Pin
1.242
1.250
1.258
V
q
1.225
1.265
V
IFB
Feedback Input Current
VFB = VREF
–50
nA
AV
Error Amplifier Voltage Gain
72
dB
IVC
Error Amplifier Current Limit
Source
q
10
25
mA
Sink
q
0.5
1
mA
VVC
Zero Current Output Voltage
1.4
V
Maximum Output Voltage
3.2
V
GBW
Gain Bandwidth Product
(Note 3)
1
MHz
Current Sense and Blanking
AV
Amplifier DC Gain
12
V/V
ISENSE
Input Bias Current
– 275
µA
VSENSE
Current Limit Threshold
Measured at SENSE Pin
135
150
165
mV
q
130
170
mV
tD
Current Sense to Switch Delay
175
ns
VBLKSENS Blanking Input Threshold
q
4.5
5
5.5
V
IBLKSENS
Blanking Input Bias Current
–2
µA
tMIN
Switch Minimum On Time
VBLKSENS = VBG, Measured at BG Output
250
ns
IMAX Sense
IIMAX
Input Bias Current
– 250
µA
VIMAX
IMAX Threshold (Rising Edge)
Measured at IMAX Input
q
320
360
400
mV
IMAX Threshold Hysteresis
Measured at IMAX Input
140
mV
tP
IMAX Output Switch Disable Delay
Measured at BG Output
130
ns
THERM and OVLO Fault Detectors
VTHERM/
Threshold (Rising Edge)
q
1.2
1.25
1.3
V
VOVLO
Threshold Hysteresis
q
20
40
60
mV
tP
Fault Delay to Output Disable
50mV Overdrive
650
ns
Oscillator and Synchronization Decoder
fOSC
Oscillator Frequency, Free Run
Measured at FSET Pin
700
kHz
Frequency Programming Error, Free Run
fOSC ≤ 500kHz (Note 3)
q
–10
5
%
IFSET
FSET Input Bias Current
FSET Charging, VFSET = 2V
50
nA
VSYNC
SYNC Logic High Input Threshold
Positive-Going Edge
q
1.4
2
V
SYNC Logic Low Input Threshold
Negative-Going Edge
q
0.8
1.4
V
fSYNC
SYNC Frequency
q
fOSC/2
350
kHz
tH, L
Maximum SYNC Pulse Width
fOSC = Oscillator Free-Run Frequency
1/fOSC
s
(Logic High or Logic Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com